Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2456 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2456
Description  Protection of single battery voltage SLICs for new networks in US market
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2456 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2456 Datasheet HTML 7Page - STMicroelectronics AN2456 Datasheet HTML 8Page - STMicroelectronics AN2456 Datasheet HTML 9Page - STMicroelectronics AN2456 Datasheet HTML 10Page - STMicroelectronics AN2456 Datasheet HTML 11Page - STMicroelectronics AN2456 Datasheet HTML 12Page - STMicroelectronics AN2456 Datasheet HTML 13Page - STMicroelectronics AN2456 Datasheet HTML 14Page - STMicroelectronics AN2456 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AN2456
SLIC protection
13/15
Figure 15.
120 Vrms - 25 Arms - 15 min. - metallic on tip - ANP mode
Figure 16.
120 Vrms - 25 Arms - 15min. - longitudinal - ringing mode
Figure 15 and Figure 16 show the protection behavior in ANP mode and Ringing mode
when the power cross is applied in metallic configuration on TIP and in Longitudinal
configuration respectively. The current is 11.3 Apk (120 Vrms / (4.8 Ω+10 Ω) ~ 8.1 Arms ~
11.3 Apk). It is seen that the power is engaged on the wire for 1.5 to 2 cycles before the fuse
opens. During this time it is noted that the voltage is clamped to GND by the diode inside
LCP1521S for the positive half cycles. During the negative half cycles, the thyristor structure
inside LCP1521S fires when the voltage exceeds –Vbat. We see some disturbance in –Vbat
voltages but it returns to initial condition after the test. In Figure 15 the protection on Ring
doesn’t react because the power cross is only applied on TIP. But however there is a small
disturbance on VRing during the surge due to the disturbance on -Vbat.
VTip (20 V/div)
VRing (20 V/div)
-Vbat (20 V/div)
ISurge (20 A/div)
0
VTip (20 V/div)
VRing (20 V/div)
-Vbat (20 V/div)
ISurge (20 A/div)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com