Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2482 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2482
Description  The purpose of this document
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2482 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2482 Datasheet HTML 9Page - STMicroelectronics AN2482 Datasheet HTML 10Page - STMicroelectronics AN2482 Datasheet HTML 11Page - STMicroelectronics AN2482 Datasheet HTML 12Page - STMicroelectronics AN2482 Datasheet HTML 13Page - STMicroelectronics AN2482 Datasheet HTML 14Page - STMicroelectronics AN2482 Datasheet HTML 15Page - STMicroelectronics AN2482 Datasheet HTML 16Page - STMicroelectronics AN2482 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN2482
Electromagnetic compatibility (EMC) requirements
13/18
Table 2.
PCLT Immunity tests results
Minimum requirements of
international standards
Robustness of the PCLT demo board
Test conditions
Levels
Tests conditions
Levels
behavior of the
PCLT
ESD test
IEC61000-4-2
Air discharge
±8 kV
RC = 2.2 kΩ
RIN = 750 Ω
±15 kV
No failure,
no disturbance.
Contact discharge
±4 kV
RC = 2.2 kΩ
RIN = 750 Ω
±8 kV
Burst test
IEC61000-4-4
Analog Input
±1kV
RIN = 750 Ω C
IN = 22 nF
CC =33 nF
±4 kV
No failure,
no disturbance.
DC power line
±2 kV
RC = 2.2 kΩ
Surge test
IEC61000-4-5
Analog
Input
42
Ω: 0.5 µF
differential and
common mode
±0.5 kV
Analog
Input
RIN = 750 Ω
±0.5 kV
No failure,
temporary
disturbance.
RIN = 1.2 kΩ
±1 kV
dc power
line
2
Ω; 18 µF
differential
mode
±0.5 kV
dc power
line
RC = 2.2 k
±1 kV
12
Ω; 9 µF
common mode
±1 kV
±1 kV
Conducted
disturbance test
IEC61000-4-6
150 kHz
to 80 MHz
22 nF
capacitors
3 Vrms
AM±80%
150 kHz to
80 MHz
RIN = 750 Ω
C = 22 nF
At the input
10 Vrms
AM±80%
No failure,
No disturbance.
Reverse input
polarity test
-Vcc applied to one input during 10 s
-30 Vdc applied to one input,
+30 Vdc on the others
No failure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com