Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2626 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2626
Description  MOSFET body diode recovery mechanism in a phase-shifted
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2626 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2626 Datasheet HTML 3Page - STMicroelectronics AN2626 Datasheet HTML 4Page - STMicroelectronics AN2626 Datasheet HTML 5Page - STMicroelectronics AN2626 Datasheet HTML 6Page - STMicroelectronics AN2626 Datasheet HTML 7Page - STMicroelectronics AN2626 Datasheet HTML 8Page - STMicroelectronics AN2626 Datasheet HTML 9Page - STMicroelectronics AN2626 Datasheet HTML 10Page - STMicroelectronics AN2626 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AN2626
MOSFET body diode recovery
7/13
2
MOSFET body diode recovery
The cross section of a MOSFET device, illustrated in Figure 4, shows an intrinsic diode
between body and drain, that is the base-collector junction of the "parasitic" a NPN bipolar
transistor source-body-drain. In no or low load conditions this transistor could be turned on
and hence brings the MOSFET to the failure, by short circuiting drain and source while high
voltages are applied among them. In order to understand this possible failure we must
investigate the freewheeling and the ZVS steps. During step 2 the current freewheels into
the body-drain diode D2 (see Figure 4); since this is directly biased carriers are injected in
the N- epi (holes) and P body (electrons) regions of the device. Once Q2 is turned on, a
portion of the total current flows through the channel, the parasitic JFET, and the epi region:
the MOSFET is conducting in the third quadrant (see Figure 5). When the transformer
current changes direction the MOSFET Q3 conducts into the first quadrant (see Figure 6).
The internal body diode D2 now is reverse biased; since it is in parallel with the low
resistance channel regions its effective reverse voltage is low. This causes a slow minority
carriers extraction, especially from the N- region, since the holes have lower mobility than
the electron one. Obviously at low load operation the current flowing through the channel
MOSFET is much lower and so is the drop voltage; in this condition the body diode needs
more time to complete the reverse recovery, but the powering period is very short and could
not be sufficient to remove the minority carriers in the P-N junction.
Figure 4.
Current flow into the parallel body diode-channel MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com