Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2842 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2842
Description  Paralleling of power MOSFETs in PFC topology
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2842 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2842 Datasheet HTML 9Page - STMicroelectronics AN2842 Datasheet HTML 10Page - STMicroelectronics AN2842 Datasheet HTML 11Page - STMicroelectronics AN2842 Datasheet HTML 12Page - STMicroelectronics AN2842 Datasheet HTML 13Page - STMicroelectronics AN2842 Datasheet HTML 14Page - STMicroelectronics AN2842 Datasheet HTML 15Page - STMicroelectronics AN2842 Datasheet HTML 16Page - STMicroelectronics AN2842 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN2842
Approach to the study
Doc ID 15110 Rev 1
13/22
2.4
Temperature imbalance between devices
As explained in the previous paragraph, an important parameter for current imbalance in a
parallel configuration is working temperature. Analytical proof of thermal instability is derived
from the expression of the drain current ID in the active region of the ID-VDS plane of a power
MOSFET device. In this region, the drain current is independent of the drain-source voltage:
where Vth is the threshold voltage. The constant K' depends on the device geometric
characteristics and is given by:
where:
W: channel perimeter
L: channel length
µc: electron mobility
Cox: gate oxide capacitance
The current temperature coefficient at low drain current is related to geometrical and
physical parameters of the device by:
since both (
∂V
th/ T) and (K’/ T) are negative.
2.5
Influence of the differences between the power circuit
components
The principal factors linked to the temperature for this analysis are the threshold voltage and
RDS(on). Each of the two factors operate in different ways. While an increasing temperature
generates a decrease in threshold voltage, the RDS(on) increases with temperature. The
effects of the two parameters are opposite. In fact, if the threshold voltage decreases, the
device, in the same condition of VGS, carries more current. However, more current means
greater losses and consequently a higher temperature. This phenomenon is iterative (known
as thermal runaway) and could cause the failure of the device. Losses linked to this
parameter are evident during switching and in particular during turn-on and turn-off
operations, and in a systems with high frequency they are highly important. When the
temperature changes, the contribution linked to the RDS(on) parameter is different. This
factor plays a fundamental role during the conduction phase. In fact, during this period, if the
temperature increases, the RDS(on) also increases and this limits the current value during
the conduction operation. So, while in a first phase the conduction losses are more
significant than switching losses; when the temperature increases, the second become
predominant over the first. In the end, the working temperature is a factor that plays an
important role in the parallel configuration, and for this reason if the devices are mounted to
2
Th
GS
'
D
)
V
V
(
K
I
=
OX
c
'
C
)
L
W
(
2
1
K
µ
=
T
K
)
V
V
(
T
V
)
V
V
(
k
2
T
I
'
2
th
GS
th
th
GS
'
D
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com