Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3007 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3007
Description  100 Mbps and Gigabit Ethernet protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3007 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3007 Datasheet HTML 1Page - STMicroelectronics AN3007 Datasheet HTML 2Page - STMicroelectronics AN3007 Datasheet HTML 3Page - STMicroelectronics AN3007 Datasheet HTML 4Page - STMicroelectronics AN3007 Datasheet HTML 5Page - STMicroelectronics AN3007 Datasheet HTML 6Page - STMicroelectronics AN3007 Datasheet HTML 7Page - STMicroelectronics AN3007 Datasheet HTML 8Page - STMicroelectronics AN3007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AN3007
SLVU2.8 protection devices
Doc ID 16018 Rev 1
5/20
2
SLVU2.8 protection devices
SLVU2.8 products are low voltage and low capacitance clamping protection devices.
There are two versions:
●
SLVU2.8-4A1, which provides 2-line pair (four lines) bidirectional protection
●
SLVU2.8-8A, which provides 4-line pair (eight lines) bidirectional protection.
Both are available in an SO-8 package.
Figure 5.
SLVU2.8-4A1 and SLVU2.8-8A1 functional diagrams
Figure 5 presents the SLVU2.8-4A1 and SLVU2.8-8A1 functional diagrams. Both diagrams
show the presence of diodes that offer a low capacitance structure.
SLVU2.8-4A1 and SLVU2.8-8A1 present a typical capacitance of 3 pF that allow them to be
compatible with 100 Mbps and Gigabit Ethernet lines since, in this way, they preserve the
signal integrity.
Both devices are compliant with the IEC 61000-4-5 Level 2 requirements. That is, they are
able to withstand a 24 A(8 / 20 µs) surge current. They comply also with IEC 61000-4-2
Level 4 requirements. That is they can support 8 kV contact and 15 kV air discharges for
ESD.
Thanks to low operating voltage (2.8 V @ 0.2 µA) compatible with Ethernet applications,
both devices offer a low clamping voltage: <15 V @ 24 A (8 / 20 µs), which provides an
efficient protection of the Ethernet transceiver.
The SLVU2.8-4A1 has a flow through design to minimize the track inductances and then to
reduce the peak voltage during an ESD surge.
In the same way, the internal layout of the SLVU2.8-8A1 is optimized to minimize the track
inductances and then to reduce the peak voltage during an ESD surge.
SLVU2.8-4A1
SLVU2.8-8A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com