Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4022 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4022
Description  TVS short pulse dynamic resistance measurement and correlation with TVS clamping voltage during ESD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4022 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4022 Datasheet HTML 7Page - STMicroelectronics AN4022 Datasheet HTML 8Page - STMicroelectronics AN4022 Datasheet HTML 9Page - STMicroelectronics AN4022 Datasheet HTML 10Page - STMicroelectronics AN4022 Datasheet HTML 11Page - STMicroelectronics AN4022 Datasheet HTML 12Page - STMicroelectronics AN4022 Datasheet HTML 13Page - STMicroelectronics AN4022 Datasheet HTML 14Page - STMicroelectronics AN4022 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID022589 Rev 2
13/15
AN4022
TLP measurements
15
Figure 19. TLP measurements comparison with triangular waveform (forward
polarity)
Conclusion
To be sure a circuit design will be robust against electrostatic discharges, it is important to
anticipate the maximum voltage that can appear at the I/O’s of the sensitive circuits.
Knowing the dynamic characteristic of a transient voltage suppressor used for their
protection is a key point during the design.
We have shown in this note that this dynamic characteristic, measured with a short pulse,
not necessarily TLP, allows accurate prediction of the remaining voltage across the TVS,
especially after the first spike of a standard surge such as that defined in IEC61000-4-2,
where the circuit to protect is the most sensitive.
It2 = 9.8009 A
Issb = 9.7159 A
Vt1 = 1.1049 V
Vh = 1.1049 V
Ron = 0.90419 ohm
It2
Vt1
Forward
Triangular waveform
TLP
DUT voltage (V)
Leakage current (A)
10
9
8
7
6
5
4
3
2
1
0
02
468
10
10
-12
10
-10
10
-8
10
-6
10
-4
10
-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com