Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD4722 Datasheet(PDF) 13 Page - NEC

Part # UPD4722
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4722 Datasheet(HTML) 13 Page - NEC

Back Button UPD4722 Datasheet HTML 8Page - NEC UPD4722 Datasheet HTML 9Page - NEC UPD4722 Datasheet HTML 10Page - NEC UPD4722 Datasheet HTML 11Page - NEC UPD4722 Datasheet HTML 12Page - NEC UPD4722 Datasheet HTML 13Page - NEC UPD4722 Datasheet HTML 14Page - NEC UPD4722 Datasheet HTML 15Page - NEC UPD4722 Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
µPD4722
PACKAGE DRAWINGS
P30GS-65-300B-1
ITEM
MILLIMETERS
INCHES
NOTE
Each lead centerline is located within 0.10
mm (0.004 inch) of its true position (T.P.) at
maximum material condition.
10.11 MAX.
0.51 MAX.
0.65 (T.P.)
0.30
0.125±0.075
2.0 MAX.
1.7±0.1
8.1±0.2
6.1±0.2
1.0±0.2
0.15
0.5±0.2
0.10
0.10
0.398 MAX.
0.020 MAX.
0.026 (T.P.)
0.012
0.005±0.003
0.079 MAX.
0.067±0.004
0.319±0.008
0.240±0.008
0.039
0.006
0.020
0.004
0.004
+0.008
–0.009
A
B
C
D
E
F
G
H
I
J
K
L
M
N
+0.10
–0.05
+0.10
–0.05
+0.004
–0.002
+0.004
–0.003
+0.009
–0.008
30 PIN PLASTIC SHRINK SOP (300 mil)
30
I
M M
D
C
N
detail of lead end
B
H
L
J
16
A
1
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com