Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4150 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4150
Description  Power MOSFET technology gate current needs in a synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4150 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4150 Datasheet HTML 9Page - STMicroelectronics AN4150 Datasheet HTML 10Page - STMicroelectronics AN4150 Datasheet HTML 11Page - STMicroelectronics AN4150 Datasheet HTML 12Page - STMicroelectronics AN4150 Datasheet HTML 13Page - STMicroelectronics AN4150 Datasheet HTML 14Page - STMicroelectronics AN4150 Datasheet HTML 15Page - STMicroelectronics AN4150 Datasheet HTML 16Page - STMicroelectronics AN4150 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN4150
Bench tests and simulation results overview
Doc ID 023526 Rev 1
13/20
3
Bench tests and simulation results overview
By an external DC electronic load, the converter output current is fixed at IOUT = 15 A. Low-
side turn-on and turn-off transients are captured. For a complete comparison in terms of
gate current performance, the following parameters are measured for both devices:
–Igate,max: maximum peak during turn-on;
–Igate,min: minimum value during turn-off;
–
Δt(I>0): time interval duration with Igate > 0;
–
Δt(I<0): time interval duration with Igate < 0;
–Igate,avg(ON): average gate current during turn-on;
–Igate,avg(OFF): average gate current during turn-off;
–Imaint: gate current value when the device is fully ON;
–tf: low-side VGS fall time, measured from 90% to 10% of VGS;
–tr: low-side VGS rise time, measured from 10% to 90% of VGS.
In Figure 10 and Figure 11 the low-side waveforms for device A and device B, respectively,
are reported; the green trace is the LS gate current (1 A/div) whereas the yellow trace is
VGS,LS (5 V/div).
In the above images the turn-on and turn-off transients are clearly visible, with the relative
gate current. During low-side turn-off, the gate current is negative, sunk by the driver to
discharge Power MOSFET intrinsic capacitance. On the other hand, a positive gate current
is needed to provide the right QG (total gate charge) to fully turn on the FET.
The following chart summarizes the parameter measurements performed on device A and
device B:
Figure 10.
Device A gate waveforms
Figure 11.
Device B gate waveforms
AM14947v1
AM14948v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com