Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4391 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4391
Description  New P-channel trench technology from ST for low power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4391 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4391 Datasheet HTML 9Page - STMicroelectronics AN4391 Datasheet HTML 10Page - STMicroelectronics AN4391 Datasheet HTML 11Page - STMicroelectronics AN4391 Datasheet HTML 12Page - STMicroelectronics AN4391 Datasheet HTML 13Page - STMicroelectronics AN4391 Datasheet HTML 14Page - STMicroelectronics AN4391 Datasheet HTML 15Page - STMicroelectronics AN4391 Datasheet HTML 16Page - STMicroelectronics AN4391 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID025506 Rev 1
13/19
AN4391
P-channel FETs in low power DC-DC converters
19
Figure 15. Load switch circuit
Q1 is the load switch, while Q2 is the control FET (N-channel): when Q2 is ON
(by a high logic signal), Q1 gate is at GND level, turning on Q1 (V
OUT
= V
IN
) level. The main
advantage of a P-channel FET as load switch is the driving circuit, because no additional
circuit (i.e. charge pump) is needed to turn on and off the switch. Moreover, it is the best
choice for low power and high V
OUT
load switch applications. In
Table 3, the main
application requirements are reported:
In Table 1, the main electrical parameters of the tested devices are reported.
The load switch can be characterized by a series of switching parameters, which are briefly
shown below:
1.
Enable time, time between 50% of logic signal (applied to Q2 gate), in the rising edge,
and 10% of V
OUT
2.
Disable time, time between 50% of logic signal, in falling edge, and 90% of V
OUT
3.
V
OUT
rise time, time between 10% and 90% of output voltage, during rising edge
4.
V
OUT
fall time, time between 90% and 10% of output voltage, in the falling edge
As shown in
Figure 16 and Figure 17, the STL30P3LLH6’s turn-on time is shorter than
planar device, allowing faster V
OUT
rising phase and therefore lower rise time
(23 μs vs. 34
Table 3. Load switch application requirements
Parameter
Value
V
IN
12 V
I
LOAD
1 A
R
L
12
Ω
C
L
47 pF
GIPG131120131334FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com