Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3040FCT Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # MBR3040FCT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

MBR3040FCT Datasheet(HTML) 2 Page - Compact Technology Corp.

  MBR3040FCT Datasheet HTML 1Page - Compact Technology Corp. MBR3040FCT Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
MBR3020FCT thru MBR30200FCT
MBR3020FCT thru MBR30200FCT
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
FIG. 5-TYPICAL JUNCTION CAPACITANCE
0
10
20
30
40
50
0
20
40
60
80
100
120
140
160
180
AMBIENT TEMPERATURE(℃)
0
50
100
150
200
250
1
10
100
NUMBER OF CYCLES AT 60Hz
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
0
1
10
100
REVERSE VOLTAGE (V)
MBR3020FCT~MBR3040FCT
MBR3050FCT~MBR3060FCT
MBR3080FCT~MBR30100FCT
MBR30150FCT~MBR30200FCT
0.00
0.01
0.10
1.00
10.00
100.00
20
40
60
80
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
25℃
125℃
0.01
0.10
1.00
10.00
100.00
0.2
0.4
0.6
0.8
1.0
1.2
FORWARD VOLTAGE (V)
MBR3020FCT~MBR3040FCT
MBR3050FCT~MBR3060FCT
MBR3080FCT~MBR30100FCT
MBR30150FCT~MBR30200FCT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com