Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4406 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4406
Description  new ST super-junction technology ideal for resonant topologies
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4406 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4406 Datasheet HTML 19Page - STMicroelectronics AN4406 Datasheet HTML 20Page - STMicroelectronics AN4406 Datasheet HTML 21Page - STMicroelectronics AN4406 Datasheet HTML 22Page - STMicroelectronics AN4406 Datasheet HTML 23Page - STMicroelectronics AN4406 Datasheet HTML 24Page - STMicroelectronics AN4406 Datasheet HTML 25Page - STMicroelectronics AN4406 Datasheet HTML 26Page - STMicroelectronics AN4406 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
DocID025567 Rev 1
23/27
AN4406
Testing and comparing
27
4.3.3
Results
From the electrical results, the performance of the devices under test are conditioned by the
current level. In the resonant topology, at low load, the impact of the output capacitances of
the MOSFET's determine the energy losses dissipated inside the devices. Their variation
with voltage VDS and their symmetry play a fundamental role on the final performance.
Figure 21. Efficiency data vs load level in 400 W
evaluation board
Figure 22.
η (%) efficiency at V
IN = 230 VAC for
specific load %
Figure 23. Average % efficiency at VIN = 230 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com