Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3468 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3468
Description  Photoflash Capacitor Chargers in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3468 Datasheet(HTML) 2 Page - Linear Technology

  LT3468_15 Datasheet HTML 1Page - Linear Technology LT3468_15 Datasheet HTML 2Page - Linear Technology LT3468_15 Datasheet HTML 3Page - Linear Technology LT3468_15 Datasheet HTML 4Page - Linear Technology LT3468_15 Datasheet HTML 5Page - Linear Technology LT3468_15 Datasheet HTML 6Page - Linear Technology LT3468_15 Datasheet HTML 7Page - Linear Technology LT3468_15 Datasheet HTML 8Page - Linear Technology LT3468_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT3468/LT3468-1/LT3468-2
2
346812fa
VIN Voltage .............................................................. 16V
SW Voltage ................................................ –0.4V to 50V
CHARGE Voltage ...................................................... 10V
DONE Voltage .......................................................... 10V
Current into DONE Pin .......................................... ±1mA
Maximum Junction Temperature .......................... 125°C
Operating Temperature Range (Note 2) ...–40°C to 85°C
Storage Temperature Range ..................–65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
S5 PART
MARKING
TJMAX = 125°C
θJA = 150°C ON BOARD OVER
GROUND PLANE
θJC = 90°C/W
LTAEC
LTAGQ
LTBCH
LT3468ES5
LT3468ES5-1
LT3468ES5-2
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VCHARGE = VIN unless otherwise noted. (Note 2) Specifications
are for the LT3468, LT3468-1 and LT3468-2 unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Current
Not Switching
5
8
mA
VCHARGE = 0V
0
1
µA
Input Voltage Range
●
2.5
16
V
Switch Current Limit
LT3468 (Note 3)
1.1
1.2
1.3
A
LT3468-2
0.77
0.87
0.97
A
LT3468-1
0.45
0.55
0.65
A
Switch VCESAT
LT3468, ISW = 1A
330
430
mV
LT3468-2, ISW = 650mA
210
280
mV
LT3468-1, ISW = 400mA
150
200
mV
VOUT Comparator Trip Voltage
Measured as VSW – VIN
●
31
31.5
32
V
VOUT Comparator Overdrive
300ns Pulse Width
200
400
mV
DCM Comparator Trip Voltage
Measured as VSW – VIN
●
10
36
80
mV
CHARGE Pin Current
VCHARGE = 3V
15
40
µA
VCHARGE = 0V
0
0.1
µA
Switch Leakage Current
VIN = VSW = 5V, in Shutdown
●
0.01
1
µA
CHARGE Input Voltage High
●
1V
CHARGE Input Voltage Low
●
0.3
V
Minimum Charge Pin Low Time
High→Low→High
20
µs
DONE Output Signal High
100kΩ from VIN to DONE
3
V
DONE Output Signal Low
33µA into DONE Pin
100
200
mV
DONE Leakage Current
VDONE = 3V, DONE NPN Off
20
100
nA
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3468E/LT3468E-1/LT3468E-2 are guaranteed to meet
performance specifications from 0°C to 70°C. Specifications over the
–40°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process.
Note 3: Specifications are for static test. Current limit in actual application
will be slightly higher.
5 VIN
4 CHARGE
SW 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
GND 2
DONE 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com