Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1007G Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # PR1007G
Description  FAST RECOVERY RECTIFIERS GLASS PASSIVATION JUNCTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

PR1007G Datasheet(HTML) 1 Page - Compact Technology Corp.

  PR1007G Datasheet HTML 1Page - Compact Technology Corp. PR1007G Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PR1001
G thru PR1007G
FAST RECOVERY RECTIFIERS
FEATURES
Fast switching for high efficiency
Low cost
Glass passivation junction
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case : JEDEC DO-41 molded plastic
Polarity : Color band denotes cathode
Weight : 0.012 ounces, 0.34 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DO-41
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT -1.0 Amperes
All Dimensions in millimeter
Max.
Min.
DO-41
Dim.
A
D
C
B
25.4
5.20
-
4.20
0.70
2.00
2.70
0.90
A
C
D
A
B
1 of 2
PR1001
G thru PR1007G
GLASS PASSIVATION JUNCTION
PARAMETER
SYMBOL
PR
1001G
PR
1002G
PR
1003G
PR
1004G
PR
1005G
PR
1006G
PR
1007G
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
V
Maximum RMS voltage
VRMS
35
70
V
Maximum DC blocking voltage
VDC
50
100
V
Maximum average forward rectified current
IF
A
Peak forward surge current, 8.3ms single
half sine-wave superim posed on rated load
IFSM
A
Maximum instantaneous I F=1A@25℃
VF
V
Maximum DC Reverse Current @TA=25℃
at Rated DC Blocking Voltage @TA=100℃
IR
uA
Maximum Reverse Recovery Time
Trr
250
nS
Typical Junction Capacitance
CJ
pF
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
-55 to +150
1.30
15
150
500
5
100
-55 to +150
1.0
30.0
200
400
600
800
1000
600
400
800
1000
200
280
700
560
140
420


Similar Part No. - PR1007G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR1007G DIODES-PR1007G Datasheet
62Kb / 2P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27001 Rev. D1-2
logo
Compact Technology Corp...
PR1007G CTC-PR1007G Datasheet
64Kb / 2P
FAST RECOVERY RECTIFIERS GLASS PASSIVATION JUNCTION
logo
Diodes Incorporated
PR1007G DIODES-PR1007G Datasheet
84Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27001 Rev. 9 - 2
PR1007G DIODES-PR1007G Datasheet
84Kb / 3P
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Rev erse
logo
SUNMATE electronic Co.,...
PR1007G SUNMATE-PR1007G Datasheet
336Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
More results

Similar Description - PR1007G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR101G EIC-FR101G Datasheet
31Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
FR151G EIC-FR151G Datasheet
31Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
FR251G EIC-FR251G Datasheet
47Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
PG100R PANJIT-PG100R_05 Datasheet
428Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
PG100RS PANJIT-PG100RS_04 Datasheet
42Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
SROA SYNSEMI-SROA Datasheet
49Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
PR1001G CTC-PR1001G Datasheet
64Kb / 2P
FAST RECOVERY RECTIFIERS GLASS PASSIVATION JUNCTION
logo
EIC discrete Semiconduc...
SROA EIC-SROA_05 Datasheet
57Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
1F1G PANJIT-1F1G_09 Datasheet
67Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
F16C20C CTC-F16C20C Datasheet
185Kb / 2P
FAST Recovery Rectifiers Glass Passivation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com