Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1064-4 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1064-4
Description  Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064-4 Datasheet(HTML) 2 Page - Linear Technology

  LTC1064-4 Datasheet HTML 1Page - Linear Technology LTC1064-4 Datasheet HTML 2Page - Linear Technology LTC1064-4 Datasheet HTML 3Page - Linear Technology LTC1064-4 Datasheet HTML 4Page - Linear Technology LTC1064-4 Datasheet HTML 5Page - Linear Technology LTC1064-4 Datasheet HTML 6Page - Linear Technology LTC1064-4 Datasheet HTML 7Page - Linear Technology LTC1064-4 Datasheet HTML 8Page - Linear Technology LTC1064-4 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC1064-4
2
10644fb
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Gain
Referenced to 0dB, 1Hz to 0.05fCUTOFF
–0.5
0.1
dB
Gain TempCo
0.0002
dB/°C
Passband Edge Frequency, fC
20 ± 1%
kHz
Gain at fC
Referenced to Passband Gain, fC = 20kHz
–0.4
0.7
dB
–3dB Frequency
50:1 (Cauer Response)
21.5
kHz
100:1 (Transitional Response)
10
kHz
Passband Ripple (Note 2)
0.1fC to 0.95fC Referenced to Passband Gain
–0.15
0.6
dB
Stopband Attenuation
At 1.7fCUTOFF
–56
–60
dB
Stopband Attenuation
At 2fCUTOFF
–80
dB
Input Frequency Range
50:1, Pin 10 at V+
0fCLK
kHz
100:1, Pin 10 at V
0fCLK/2
kHz
Output Voltage Swing and
VS = ±2.37V
±1.1
V
Operating Input Voltage Range
VS = ±5V
±3.1
V
VS = ±7.5V
±5.0
V
Total Harmonic Distortion
VS = ±5V, Input = 1VRMS at 1kHz
0.015
%
VS = ±7.5V, Input = 3VRMS at 1kHz
0.03
%
Wideband Noise
VS = ±5V, Input = GND 1Hz to 999kHz
120
µVRMS
VS = ±7.5V, Input = GND 1Hz to 999kHz
135
µVRMS
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Total Supply Voltage (V+ to V) ............................ 16.5V
Input Voltage at Any Pin ...... V–0.3V ≤ VIN ≤ V+ +0.3V
Power Dissipation .............................................. 400mW
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
Operating Temperature Range
LTC1064-4M (OBSOLETE) ............... – 55°C to 125°C
LTC1064-4C ....................................... – 40°C to 85°C
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±7.5V, 50:1, fCLK = 1MHz, fC = 20kHz, R1 = 10k, TTL clock input
level unless otherwise specified.
ORDER PART
NUMBER
LTC1064-4CN
ORDER PART
NUMBER
LTC1064-4CSW
TJMAX = 150°C, θJA = 90°C/W
TJMAX = 110°C, θJA = 70°C/W
LTC1064-4MJ
LTC1064-4CJ
OBSOLETE PACKAGE
Consider the N14 Package for Alternate Source
1
2
3
4
5
6
7
TOP VIEW
J PACKAGE
14-LEAD CERDIP
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
INV C
VIN
AGND
V+
AGND
COMP1
INV A
R(h, I)
COMP2
V
fCLK
RATIO
VOUT
NC
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC (WIDE) SO
16
15
14
13
12
11
10
9
INV C
VIN
AGND
V+
AGND
NC
COMP1
INV A
R(h, I)
COMP2
V
NC
fCLK
RATIO
NC
VOUT
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com