Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1069-6
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-6 Datasheet(HTML) 1 Page - Linear Technology

  LTC1069-6 Datasheet HTML 1Page - Linear Technology LTC1069-6 Datasheet HTML 2Page - Linear Technology LTC1069-6 Datasheet HTML 3Page - Linear Technology LTC1069-6 Datasheet HTML 4Page - Linear Technology LTC1069-6 Datasheet HTML 5Page - Linear Technology LTC1069-6 Datasheet HTML 6Page - Linear Technology LTC1069-6 Datasheet HTML 7Page - Linear Technology LTC1069-6 Datasheet HTML 8Page - Linear Technology LTC1069-6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LTC1069-6
1
10696fa
TYPICAL APPLICATION
DESCRIPTION
Single Supply, Very Low
Power, Elliptic Lowpass Filter
TheLTC®1069-6isamonolithiclowpower,8thorderlowpass
filter optimized for single 3V or single 5V supply operation.
The LTC1069-6 typically consumes 1mA under single 3V
supply operation and 1.2mA under 5V operation.
ThecutofffrequencyoftheLTC1069-6isclocktunableanditis
equal to the clock frequency divided by 50. The input signal is
sampled twice per clock cycle to lower the risk of aliasing.
The typical passband ripple is ± 0.1dB up to 0.9fCUTOFF.
The gain at fCUTOFF is –0.7dB. The transition band of the
LTC1069-6 features progressive attenuation reaching
42dB at 1.3fCUTOFF and 70dB at 2.1fCUTOFF. The maximum
stopband attenuation is 72dB.
The LTC1069-6 can be clock tuned for cutoff frequencies
up to 20kHz (single 5V supply) and for cutoff frequencies
up to 14kHz (single 3V supply).
The low power feature of the LTC1069-6 does not penalize
the device’s dynamic range. With single 5V supply and
an input range of 0.4VRMS to 1.4VRMS, the Signal-to-
(Noise + THD) ratio is ≥70dB. The wideband noise of the
LTC1069-6 is 125μVRMS.
Other filter responses with higher speed can be obtained.
Please contact LTC Marketing for details.
The LTC1069-6 is available in an 8-pin SO package.
Single 3V Supply 10kHz Elliptic Lowpass Filter
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
FEATURES
APPLICATIONS
n 8th Order Elliptic Filter in SO-8 Package
n Single 3V Operation: Supply Current: 1mA (Typ)
fCUTOFF: 14kHz (Max) S/N Ratio: 72dB
n Single 5V Operation: Supply Current: 1.2mA (Typ)
fCUTOFF: 20kHz (Max) S/N Ratio: 79dB
n ± 0.1dB Passband Ripple Up to 0.9fCUTOFF (Typ)
n 42dB Attenuation at 1.3fCUTOFF
n 66dB Attenuation at 2.0fCUTOFF
n 70dB Attenuation at 2.1fCUTOFF
n Wide Dynamic Range, 75dB or More (S/N + THD),
Under Single 5V Operation
n Wideband Noise: 120µVRMS
n Clock-to-fCUTOFF Ratio: 50:1
n Internal Sample Rate: 100:1
n Handheld Instruments
n Telecommunication Filters
n Antialiasing Filters
n Smoothing Filters
n Audio
n Multimedia
AGND
V+
NC
VIN
VOUT
V–
NC
CLK
LTC1069-6
fCLK = 500kHz
3V
0.47μF
0.1μF
1069-6 TA01
FREQUENCY (kHz)
5
–80
–70
–50
–40
–30
15
10
1069-6 TA02
–60
10
20
25
–20
–10
0
VIN = 500mVRMS
Frequency Response


Similar Part No. - LTC1069-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1069-6 LINER-LTC1069-6 Datasheet
226Kb / 8P
Single Supply, Very Low Power, Elliptic Lowpass Filter
logo
Analog Devices
LTC1069-6 AD-LTC1069-6 Datasheet
176Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
REV A
LTC1069-6 AD-LTC1069-6 Datasheet
700Kb / 10P
Single Supply, Very Low Power, Elliptic Lowpass Filter
Rev. B
LTC1069-6 AD-LTC1069-6 Datasheet
140Kb / 12P
Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
REV B
LTC1069-6 AD-LTC1069-6 Datasheet
142Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
REV A
More results

Similar Description - LTC1069-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-6 LINER-LTC1069-6 Datasheet
226Kb / 8P
Single Supply, Very Low Power, Elliptic Lowpass Filter
LTC1560-1 LINER-LTC1560-1 Datasheet
274Kb / 8P
1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
logo
KR Electronics, Inc.
2914 KR-2914 Datasheet
62Kb / 2P
450 MHz elliptic type lowpass filter
2987 KR-2987 Datasheet
48Kb / 3P
Elliptic Lowpass
logo
Linear Technology
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
logo
Mixed Signal Integratio...
MSELP MSI-MSELP Datasheet
294Kb / 7P
Switched Capacitor Elliptic Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com