Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN1037 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TN1037
Description  nano mounting instructions and heatsink
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1037 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TN1037 Datasheet HTML 16Page - STMicroelectronics TN1037 Datasheet HTML 17Page - STMicroelectronics TN1037 Datasheet HTML 18Page - STMicroelectronics TN1037 Datasheet HTML 19Page - STMicroelectronics TN1037 Datasheet HTML 20Page - STMicroelectronics TN1037 Datasheet HTML 21Page - STMicroelectronics TN1037 Datasheet HTML 22Page - STMicroelectronics TN1037 Datasheet HTML 23Page - STMicroelectronics TN1037 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DocID024655 Rev 3
21/24
TN1037
Rework
24
5.3
Reassembly and reflow
After preparing the site, the new package can be placed onto the PCB and the leads
inserted into the holes. Regarding placement accuracy and placement force, the process
should be comparable to the (automatic) pick & place process.
During the soldering process, it should be assured that the package peak temperature is not
higher and temperature ramps are not steeper than for the standard assembly process.
Soldering wire can be used to re-solder the leads. Use only no-clean solder paste, solder
wire, and flux for repair.
5.4
Coating of assembled PCBs
In some applications, coatings are used to prevent damage due to external influences such
as:
• Mechanical abrasion
• Vibration
• Shock
• Humidity
• Hand perspiration
• Chemicals and corrosive gases
These influences may cause:
• Electrical leakage due to humidity.
• Corrosion that leads to degradation of conductor paths, solder joints, and any other
metalized areas; and/or formation of electrical leakage paths. These can eventually result
in electrical shorts (electrical leakage) or open contacts.
• Mechanical damage to conductor paths, solder joints, and components. This damage can
lead to electrical failures.
Coatings act as electrically isolating and impervious covers that adhere well to the different
PCB materials.
A wide variety of different coatings are available on the market. They differ in:
• Price
• Simple processability (spray, dip, casting, curing, etc.)
• Reparability
• Controllability
• Homogeneity
In any case, please be aware of the chemical, electrical, mechanical and thermo-
mechanical interaction between the coating, the PCB and its components. Coatings can
affect component reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com