Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0527 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0527
Description  UPS evaluation board
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0527 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0527 Datasheet HTML 17Page - STMicroelectronics UM0527 Datasheet HTML 18Page - STMicroelectronics UM0527 Datasheet HTML 19Page - STMicroelectronics UM0527 Datasheet HTML 20Page - STMicroelectronics UM0527 Datasheet HTML 21Page - STMicroelectronics UM0527 Datasheet HTML 22Page - STMicroelectronics UM0527 Datasheet HTML 23Page - STMicroelectronics UM0527 Datasheet HTML 24Page - STMicroelectronics UM0527 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
UM0527
General description
21/66
1.1.12
Measurements: input voltage, input voltage phase, output current,
inverter output voltage, battery voltage
Figure 10.
Measurements: input voltage, input voltage phase, output current,
inverter output voltage, battery voltage
R155
1k
R158
20R
D23
BAS16
VCC
C84
10nF
GND
R156
47.5k
R157
47.5k
C117
1.5nF
R150
6.8k
GND
C118
1.5nF
R151
6.8k
R50
4.7k
R51
4.7k
VCC
IOUT_1
IOUT_2
PWR_LEV
OUTPUT CURRENT
10
9
8
U28C
LM324
10R
IOUT_1
IOUT_2
120Vac Model
230Vac Model
PWR_LEV
VCC
GND
GND
VCC
R159
20k
R25
100k
GND
GND
VBAT
VCC
BATTERY VOLTAGE
D24
BAS16
AKK_LEV
C63
10uF/50V
1
2
AKK_LEV
VCC
GND
GND
VCC
VBAT
VBAT
R83
200k
R82
200k
R81
200k
R80
200k
OUT_LEV
AC_2
AC_1
INVERTER OUTPUT VOLTAGE
R160
82k
GND
C85
10nF
GND
R161
2.4k
GND
100k
100k
100k
100k
2k
AC_1
AC_2
OUT_LEV
120Vac M
230Vac M
GND
GND
R154
1k
D22
BAS16
VCC
C83
10nF
GND
R21
100k
R22
100k
C115
1.5nF
R23
22k
GND
C116
1.5nF
R24
22k
R100
10k
R101
10k
VCC
INP_LEV
AC_IN1
AC_IN2
INPUT VOLTAGE
R77
750k
R76
750k
R79
750k
R78
750k
R49
2k
12
13
14
U28D
LM324
360k
360k
360k
360k
AC_IN1
AC_IN2
INP_LEV
120Vac Model
230Vac Model
R26 1k
R27
10k
R102
10k
VCC
D46
BAT54
R162
1M
INPUT VOLTAGE PHASE
R103
10k
GND
PHASE
R11710k
GND
VDD
VDD
GND
C7
10uF/35V
C31
100nF
GND
3
2
1
U28A
LM324
5
6
7
U28B
LM324
GND
PHASE
VCC
GND
GND
VCC
VDD
VDD
R176
2k
GND
GND
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com