Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1753 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1753
Description  Description of STLUX385A peripheral library
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1753 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1753 Datasheet HTML 9Page - STMicroelectronics UM1753 Datasheet HTML 10Page - STMicroelectronics UM1753 Datasheet HTML 11Page - STMicroelectronics UM1753 Datasheet HTML 12Page - STMicroelectronics UM1753 Datasheet HTML 13Page - STMicroelectronics UM1753 Datasheet HTML 14Page - STMicroelectronics UM1753 Datasheet HTML 15Page - STMicroelectronics UM1753 Datasheet HTML 16Page - STMicroelectronics UM1753 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID026248 Rev 1
13/21
UM1753
STLUX library
21
3.6
STLUX385A system timer (stlux_stmr)
Table 6. STLUX385A system timer
Header
Input parameters
Output
parameters
Functionality
STMR_Reset
Sets the STMR internal
registers to their default
initialization values.
STMR_TimeBaseInit
STMR_Prescaler specifies the
prescaler division factor for the
STMR. It can be a power of two
ranging from 1 to 128.
STMR_Period specifies the period to
be set for the timer interrupt
generation.
Initializes the STMR time
base unit according to the
specified parameters.
STMR_Cmd
NewState: it can be ENABLE or
DISABLE.
This function enables or
disables the STMR
peripheral.
STMR_ITConfig
STMR_IT specifies whether the
STMR interrupt must be enabled or
disabled.
NewState can be ENABLE or
DISABLE.
Enables or disables the
specified STMR
interrupts.
STMR_UpdateDisableConfig
Newstate can be ENABLE or
DISABLE.
Enables or disables the
update event for the auto-
reload preload mode.
STMR_UpdateRequestConfig
STMR_UpdateSource specifies
whether the interrupt is generated by
counter overflow only or by registers
update. Possible values are
UPDATESOURCE_GLOBAL and
UPDATESOURCE_REGULAR.
Selects the STMR Update
Request Interrupt source.
STMR_SelectOnePulseMode
STMR_OPMode specifies if the one
pulse mode must be activated.
Enables or disables the
one pulse. This mode
makes the counter stop
when the next update
event is triggered.
STMR_PrescalerConfig
Prescaler specifies the prescaler
division factor for the STMR. It can
be a power of two ranging from 1 to
128.
STMR_PSCReloadMode specifies
whether the prescaler is loaded
immediately or at the update event.
This function configures
the STMR prescaler.
STMR_ARRPreloadConfig
Newstate can be ENABLE or
DISABLE.
Enables or disables
STMR peripheral on auto-
reload preload enable
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com