Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1756 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1756
Description  The EVAL6480H-DISC and EVAL6482H-DISC are low cost development tools based
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1756 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1756 Datasheet HTML 19Page - STMicroelectronics UM1756 Datasheet HTML 20Page - STMicroelectronics UM1756 Datasheet HTML 21Page - STMicroelectronics UM1756 Datasheet HTML 22Page - STMicroelectronics UM1756 Datasheet HTML 23Page - STMicroelectronics UM1756 Datasheet HTML 24Page - STMicroelectronics UM1756 Datasheet HTML 25Page - STMicroelectronics UM1756 Datasheet HTML 26Page - STMicroelectronics UM1756 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
DocID026263 Rev 2
23/49
UM1756
Device configuration
49
Advanced current control (EVAL6482H-DISC)
The following configuration gives good results with most of motors:
The impacts of the timing parameters are explained in the application note AN4158: “Peak
current control with automatic decay adjustment and predictive current control: basics and
setup”.
4.3
Overcurrent protection
The overcurrent protection monitors the drain-source voltage drop of all the external Power
MOSFETs and disables the power stage when the programmed threshold is reached.
Warning:
The overcurrent protection can be disabled setting the flag
“Over-current- shutdown”.
However it is not recommended to disable this protection.
The stall detection threshold should be just above the operating peak current of the
application. During the preliminary stages of evaluation, it can be set to the maximum value.
Figure 16. Overcurrent protection
Table 7. Voltage mode driving
Parameter
Value
Unit
Minimum ON time
4
s
Minimum OFF time
21
s
Maximum fast decay (TOFF_FAST)
10
s
Maximum fast decay at step change (FAST_STEP)
16
s
Target switching time
48
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com