Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1763 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1763
Description  Description of STLUX385A examples kit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1763 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1763 Datasheet HTML 8Page - STMicroelectronics UM1763 Datasheet HTML 9Page - STMicroelectronics UM1763 Datasheet HTML 10Page - STMicroelectronics UM1763 Datasheet HTML 11Page - STMicroelectronics UM1763 Datasheet HTML 12Page - STMicroelectronics UM1763 Datasheet HTML 13Page - STMicroelectronics UM1763 Datasheet HTML 14Page - STMicroelectronics UM1763 Datasheet HTML 15Page - STMicroelectronics UM1763 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID026335 Rev 1
13/16
UM1763
Example V
16
7
Example V
Figure 6. Example 04 application scheme
The goal of the fifth example is to learn how to generate a PWM signal as a function of two
comparators. In this case we want to control the PWM5 variable frequency so to keep an
analog output voltage between a high threshold and a low threshold respectively set to
410 mV and 246 mV by CPP2 and CPP3 references.
Figure 7. PWM5 variable frequency
As shown in Figure 6, in order to keep Vout over 246 mV, PWM5 is turned on when voltage
reaches the low threshold reference sensed by the DAC3 and CPP3. Also keeping Vout
under 410 mV requires the PWM5 to be turned off when voltage hits the high threshold
reference sensed by the DAC2 and CPP2. No more firmware interaction is needed as the
output control is automatically handled by the SMED 5 FSM described in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com