Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5007 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC5007
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5007 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC5007_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC5007_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC5007_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC5007_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC5007_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC5007_15 Datasheet HTML 9Page - Renesas Technology Corp 2SC5007_15 Datasheet HTML 10Page - Renesas Technology Corp 2SC5007_15 Datasheet HTML 11Page - Renesas Technology Corp 2SC5007_15 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2SC5007
7
S-PARAMETER
VCE = 3 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
1.007
–11.6
2.002
164.1
.028
78.0
.990
–5.7
200.00
.983
–23.4
2.020
151.1
.055
68.0
.972
–11.2
300.00
.964
–34.8
2.079
139.1
.078
57.4
.939
–16.0
400.00
.930
–46.9
2.041
127.5
.097
47.8
.906
–20.3
500.00
.903
–57.8
2.051
117.5
.116
39.3
.872
–24.3
600.00
.868
–68.6
1.913
106.4
.129
30.3
.838
–27.7
700.00
.831
–78.8
1.883
96.8
.139
23.2
.804
–30.7
800.00
.803
–89.6
1.845
86.7
.146
15.7
.772
–33.4
900.00
.764
–99.6
1.813
77.8
.150
9.6
.740
–35.8
1000.00
.737
–110.2
1.803
68.6
.155
3.4
.712
–38.1
1100.00
.704
–119.5
1.761
60.2
.156
–1.7
.691
–39.9
1200.00
.683
–128.7
1.729
51.8
.158
–6.9
.671
–42.2
1300.00
.662
–136.9
1.647
43.9
.157
–11.7
.652
–43.9
1400.00
.649
–144.6
1.602
36.5
.157
–15.5
.637
–46.2
1500.00
.633
–152.1
1.534
28.8
.155
–19.4
.622
–48.1
1600.00
.626
–158.9
1.487
22.0
.154
–22.0
.609
–50.1
1700.00
.616
–166.0
1.444
14.5
.153
–25.3
.595
–52.3
1800.00
.611
–171.6
1.389
8.1
.154
–27.7
.586
–54.4
1900.00
.612
–178.0
1.351
1.4
.153
–31.6
.574
–56.9
2000.00
.608
176.1
1.305
–5.1
.148
–33.6
.565
–59.1
2100.00
.612
170.5
1.271
–11.3
.147
–35.4
.556
–61.6
2200.00
.612
165.7
1.221
–17.3
.145
–36.8
.550
–64.3
2300.00
.616
160.7
1.198
–23.5
.145
–37.8
.540
–67.1
2400.00
.617
156.1
1.149
–29.5
.144
–38.6
.533
–70.0
2500.00
.623
152.2
1.120
–34.9
.146
–39.1
.525
–73.0
2600.00
.627
147.6
1.091
–41.0
.149
–39.6
.518
–76.6
2700.00
.630
144.1
1.060
–46.3
.153
–40.1
.509
–80.0
2800.00
.638
140.1
1.031
–52.1
.159
–40.5
.504
–83.7
2900.00
.640
136.6
.999
–57.3
.165
–41.8
.495
–87.5
3000.00
.650
133.4
.977
–62.6
.173
–42.8
.494
–91.5
VCE = 1 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.897
–25.2
9.052
153.5
.035
70.1
.907
–20.1
200.00
.786
–49.2
8.496
133.0
.058
54.3
.764
–34.9
300.00
.696
–72.2
7.939
116.9
.073
44.3
.630
–44.6
400.00
.619
–92.7
7.110
103.4
.083
37.3
.530
–50.1
500.00
.563
–111.0
6.461
91.2
.092
32.9
.456
–54.7
600.00
.521
–124.5
5.626
81.2
.098
28.7
.397
–57.1
700.00
.491
–136.8
5.074
72.3
.107
25.9
.356
–59.2
800.00
.473
–147.0
4.547
63.8
.112
22.5
.317
–61.2
900.00
.461
–155.5
4.141
56.3
.119
19.8
.291
–62.2
1000.00
.455
–163.1
3.787
49.2
.126
17.4
.265
–64.6
1100.00
.452
–169.6
3.476
42.7
.134
14.3
.245
–65.4
1200.00
.451
–176.0
3.232
36.1
.140
11.2
.227
–67.7
1300.00
.451
178.7
2.996
30.0
.148
8.5
.210
–68.9
1400.00
.454
173.6
2.815
23.8
.156
5.7
.199
–71.8
1500.00
.456
169.0
2.632
17.6
.163
2.7
.183
–74.2
1600.00
.465
165.0
2.508
12.0
.171
–.6
.174
–76.4
1700.00
.467
160.7
2.366
5.9
.180
–4.0
.161
–80.6
1800.00
.475
157.3
2.250
.4
.187
–7.6
.149
–83.4
1900.00
.486
153.1
2.155
–5.7
.195
–11.6
.140
–88.6
2000.00
.493
149.3
2.053
–11.1
.200
–14.7
.127
–91.8
2100.00
.501
145.6
1.971
–16.7
.208
–17.9
.121
–97.4
2200.00
.506
142.8
1.892
–22.1
.215
–21.2
.111
–103.1
2300.00
.517
139.5
1.822
–27.7
.223
–24.7
.106
–109.2
2400.00
.521
136.6
1.746
–33.1
.230
–28.4
.099
–118.1
2500.00
.532
134.2
1.692
–38.2
.238
–31.7
.092
–125.0
2600.00
.540
131.1
1.633
–43.7
.247
–35.6
.093
–135.3
2700.00
.548
128.9
1.581
–48.6
.253
–39.3
.091
–145.0
2800.00
.556
126.2
1.532
–54.0
.261
–42.9
.096
–154.4
2900.00
.563
124.0
1.479
–59.0
.268
–46.5
.098
–164.4
3000.00
.575
121.6
1.443
–64.1
.277
–50.5
.104
–171.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com