Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2POSTRMKITHD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # 2POSTRMKITHD
Description  2-Post Rack-Mount Installation Kit of 3U and Larger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

2POSTRMKITHD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  2POSTRMKITHD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved 2POSTRMKITHD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-Post Rack-Mount Installation Kit of 3U and Larger
UPS, Transformer and Battery Pack Components
MODEL NUMBER: 2POSTRMKITHD
Description
2POSTRMKITHD is engineered to support the mounting of a single 3U or larger rackmount SmartPro or SmartOnline UPS power module, transformer module
or battery pack in a 2 post rack environment.
Features
2POSTRMKITHD is engineered to support the mounting of a single 3U or larger rackmount SmartPro or SmartOnline UPS power module, transformer
module or battery pack in a 2 post rack environment
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
4.25 x 3.75 x 8.1
Shipping Dimensions (hwd / cm)
10.8 x 9.5 x 20.6
Shipping Weight (lbs.)
8
Shipping Weight (kg)
3.6
Material of Construction
Steel
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
Highlights
Allows for 2 post mounting of
Tripp Lite 3U and larger UPS,
Transformer and Battery Pack
components
1 / 2


Similar Part No. - 2POSTRMKITHD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
2POSTRMKITMB TRIPPLITE-2POSTRMKITMB Datasheet
81Kb / 2P
2-Post Rack-Mount Installation Kit for Select Tripp Lite SmartOnline UPS Systems
2POSTRMKITWM TRIPPLITE-2POSTRMKITWM Datasheet
479Kb / 2P
2-Post Rack-Mount or Wall-Mount Adapter Kit for select Rack-Mount UPS Systems
More results

Similar Description - 2POSTRMKITHD

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C41678 PANDUIT-C41678 Datasheet
131Kb / 1P
COMPLETE INSTALLATION RACK KIT
R2P6S PANDUIT-R2P6S Datasheet
435Kb / 2P
2 Post Standard Equipment Rack
logo
Tripp Lite. All Rights ...
2POSTRMKITWM TRIPPLITE-2POSTRMKITWM Datasheet
479Kb / 2P
2-Post Rack-Mount or Wall-Mount Adapter Kit for select Rack-Mount UPS Systems
4POSTRAILKIT TRIPPLITE-4POSTRAILKIT Datasheet
471Kb / 2P
4-Post Rack-Mount Installation Kit of select Rack-Mount UPS Systems
4POSTRAILKIT1U TRIPPLITE-4POSTRAILKIT1U Datasheet
484Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit
LCR2400 TRIPPLITE-LCR2400 Datasheet
423Kb / 3P
2400W 120V 3U Rack-Mount Power Conditioner
4POSTRAILSM TRIPPLITE-4POSTRAILSM Datasheet
162Kb / 2P
4-Post Rack-Mount Installation Kit for Select Rack-Mount UPS Systems, Side Mount
logo
PANDUIT CORP.
WMPV45E PANDUIT-WMPV45E Datasheet
434Kb / 2P
2 Post Standard Equipment Rack
9/2011
logo
Tripp Lite. All Rights ...
4POSTRAILKITHD TRIPPLITE-4POSTRAILKITHD Datasheet
152Kb / 2P
SmartRack Mounting Rail Kit - enables 4-Post Rackmount Installation of select UPS Systems
2POSTRMKITMB TRIPPLITE-2POSTRMKITMB Datasheet
81Kb / 2P
2-Post Rack-Mount Installation Kit for Select Tripp Lite SmartOnline UPS Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com