Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2POSTRMKITWM Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # 2POSTRMKITWM
Description  2-Post Rack-Mount or Wall-Mount Adapter Kit for select Rack-Mount UPS Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

2POSTRMKITWM Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  2POSTRMKITWM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved 2POSTRMKITWM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-Post Rack-Mount or Wall-Mount Adapter Kit for
select Rack-Mount UPS Systems
MODEL NUMBER: 2POSTRMKITWM
Description
Tripp Lite's 2POSTRMKITWM enables mounting of select SmartPro and SmartOnline 2U UPS systems in 2 post
rackmount or wallmount applications.
Features
Enables the secure placement of one Tripp Lite SmartPro and SmartOnline 2U UPS or battery pack in 2 post
rackmount or wallmount applications
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
2.25 x 6.75 x 6.5
Shipping Dimensions (hwd / cm)
5.7 x 17.2 x 16.5
Shipping Weight (lbs.)
1.25
Shipping Weight (kg)
.57
Material of Construction
Steel
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
Highlights
Allows for 2 post mounting of
Tripp Lite 2U rackmount UPS
systems and battery packs
Enables wallmount installation
with select Tripp Lite 2U
rackmount UPS systems and
battery packs
Applications
Enables two post rackmount
installation of Tripp Lite 2U UPS
systems and battery packs.
Compatible with all rackmount
Tripp Lite SmartPro, SmartOnline
and battery packs that include
the "2U" designation in the model
number (SMART1500RMXL2Ua,
SU1500RTXL2U, BP48V24-2U,
etc). See UPS specification page
to verify wallmount compatibility
with any specific UPS model.
Package Includes
Set of two post
rackmount/wallmount installation
brackets to support one 2U
module
1 / 2


Similar Part No. - 2POSTRMKITWM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
2POSTRMKITHD TRIPPLITE-2POSTRMKITHD Datasheet
477Kb / 2P
2-Post Rack-Mount Installation Kit of 3U and Larger
2POSTRMKITMB TRIPPLITE-2POSTRMKITMB Datasheet
81Kb / 2P
2-Post Rack-Mount Installation Kit for Select Tripp Lite SmartOnline UPS Systems
More results

Similar Description - 2POSTRMKITWM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
4POSTRAILKIT TRIPPLITE-4POSTRAILKIT Datasheet
471Kb / 2P
4-Post Rack-Mount Installation Kit of select Rack-Mount UPS Systems
UPSWM TRIPPLITE-UPSWM Datasheet
472Kb / 2P
Wall-Mount Bracket and Installation Accessories for select UPS Systems
SRW18USDP TRIPPLITE-SRW18USDP Datasheet
534Kb / 3P
SmartRack 18U UPS-Depth Wall-Mount Rack
logo
Cherry Semiconductor Co...
G84-4100 CHERRY-G84-4100 Datasheet
2Mb / 2P
Rack Mount Systems
logo
Tripp Lite. All Rights ...
BP24V28-2U TRIPPLITE-BP24V28-2U Datasheet
157Kb / 3P
External 24V 2U Rack-mount Battery Pack for select Tripp Lite UPS Systems
BP24V36-2US TRIPPLITE-BP24V36-2US Datasheet
162Kb / 3P
External 24V 2U Rack-Mount Battery Pack for select Tripp Lite UPS Systems
4POSTRAILKITWM TRIPPLITE-4POSTRAILKITWM Datasheet
165Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit for Wall-Mount Racks
4POSTRAILSM TRIPPLITE-4POSTRAILSM Datasheet
162Kb / 2P
4-Post Rack-Mount Installation Kit for Select Rack-Mount UPS Systems, Side Mount
2POSTRMKITMB TRIPPLITE-2POSTRMKITMB Datasheet
81Kb / 2P
2-Post Rack-Mount Installation Kit for Select Tripp Lite SmartOnline UPS Systems
logo
Kendall Howard
1915-3-001-12 KENDALLHOWARD-1915-3-001-12 Datasheet
56Kb / 1P
Wall Mount Rack 12U
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com