Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P002002 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P002002
Description  Universal AC Power Adapter Cord, 13A, 16AWG (IEC-320-C14 to NEMA 5-15R), 2-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P002002 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P002002 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P002002 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC Power Adapter Cord, 13A, 16AWG
(IEC-320-C14 to NEMA 5-15R), 2-ft.
MODEL NUMBER: P002-002
Description
The P002-002 Power Cord is 2-ft. AC Power Adapter Cord that allows you to plug a NEMA 5-15P power cord
into an IEC-320-C13 outlet on a PDU or UPS. Features a NEMA 5-15R receptacle (female) with an IEC-320-C14
plug (male). The P002-002 is manufactured using superior materials, and is UL listed. The P002-002 is backed by a lifetime warranty.
Features
UL Listed
Allows you to plug a power cord with an NEMA 5-15P into an IEC-320-C13 outlet in a PDU or UPS.
Frees up a wall outlet
Plug type: IEC-320-C14 (CPU) to NEMA 5-15R
16AWG SJT, 13A, 125V
Specifications
INPUT
Cable Length (ft.)
2
Cable Length (m)
0.61
PHYSICAL
Color
Black
CONNECTIONS
Connector A
IEC-320-C14
Connector B
NEMA 5-15R
Highlights
Allows you to plug a NEMA
5-15P power cord into an
IEC-320-C13 outlet in a PDU or
UPS.
2-ft. power cord rated at 13A,
125V
Connectors: Male IEC-320-C14 /
Female NEMA 5-15R
UL Listed
System Requirements
A monitor with an AC power cord
(NEMA 5-15P)
A computer with an available
power receptacle (IEC-320-C13)
Package Includes
2-ft. AC power adapter cord PC
style male (IEC-320-C14) to AC
female (NEMA 5-15R)
1 / 2


Similar Part No. - P002002

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P00200210A TRIPPLITE-P00200210A Datasheet
492Kb / 2P
Universal AC Power Adapter Cord, 10A, 18AWG (IEC-320-C14 to NEMA 5-15R), 2-ft
More results

Similar Description - P002002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P002-002-R ETC2-P002-002-R Datasheet
470Kb / 2P
2-ft. Power Cord (IEC-320-C14 to NEMA 5-15R)
logo
Tripp Lite. All Rights ...
P00200110A TRIPPLITE-P00200110A Datasheet
489Kb / 2P
Universal AC Power Adapter Cord, 10A, 18AWG (IEC-320-C14 to NEMA 5-15R), 1-ft
P00200210A TRIPPLITE-P00200210A Datasheet
492Kb / 2P
Universal AC Power Adapter Cord, 10A, 18AWG (IEC-320-C14 to NEMA 5-15R), 2-ft
P00400213A TRIPPLITE-P00400213A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P00400313A TRIPPLITE-P00400313A Datasheet
487Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 3-ft
P00400413A TRIPPLITE-P00400413A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P00400513A TRIPPLITE-P00400513A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 5-ft
P00400613A TRIPPLITE-P00400613A Datasheet
487Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P00600213A TRIPPLITE-P00600213A Datasheet
479Kb / 2P
Universal Computer Power Cord, 13A, 16AWG (NEMA 5-15P to IEC-320-C13), 1-ft
P00600813A TRIPPLITE-P00600813A Datasheet
481Kb / 2P
Universal Computer Power Cord, 13A, 16AWG (NEMA 5-15P to IEC-320-C13), 8-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com