Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1928-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1928-5
Description  Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1928-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC1928-5 Datasheet HTML 1Page - Linear Technology LTC1928-5 Datasheet HTML 2Page - Linear Technology LTC1928-5 Datasheet HTML 3Page - Linear Technology LTC1928-5 Datasheet HTML 4Page - Linear Technology LTC1928-5 Datasheet HTML 5Page - Linear Technology LTC1928-5 Datasheet HTML 6Page - Linear Technology LTC1928-5 Datasheet HTML 7Page - Linear Technology LTC1928-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1928-5
TJMAX = 125°C, θJA = 230°C/ W
ORDER PART
NUMBER
VIN to Ground ..............................................–0.3V to 5V
VOUT Voltage ...........................................– 0.3V to 5.25V
CPO to Ground ........................................................ 10V
CN/SHDN to Ground ..................... – 0.3V to (VIN + 0.3V)
VOUT Short-Circuit Duration ............................. Indefinite
IOUT ......................................................................................... 40mA
Operating Temperature Range (Note 2) ...–40
°C to 85°C
Maximum Junction Temperature ......................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
Consult factory for parts specified with wider operating temperature ranges.
1
2
3
VIN
GND
VOUT
6
5
4
CN/SHDN
CP
CPO
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
S6 PART MARKING
LTKT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
q
2.7
4.4
V
IVIN Shutdown Current
SHDN = 0V (Note 5)
q
48
µA
IVIN Operating Current
IOUT = 0mA, Burst Mode
TM Operation
q
190
330
µA
Regulated Output Voltage
IOUT = 1mA
q
4.9
5
5.1
V
VOUT Temperature Coefficient
±50
ppm
Charge Pump Oscillator Frequency
IOUT > 500µA, VIN = 2.7V to 4.4V
q
480
550
620
kHz
CPO Output Resistance
VIN = 2.7V, IOUT = 10mA
q
17
30
Ω
VIN = 4.4V, IOUT = 10mA
q
14
24
Ω
VOUT Dropout Voltage (Note 3)
IOUT = 10mA, VOUT = 5V
q
100
mV
VOUT Enable Time
RLOAD = 2k
0.6
ms
VOUT Output Noise Voltage
IOUT = 10mA, 10Hz ≤ f ≤ 100kHz
90
µVRMS
IOUT = 10mA, 10Hz ≤ f ≤ 2.5MHz
800
µVP-P
VOUT Line Regulation
VIN = 2.7V to 4.4V, IOUT = 0
q
420
mV
VOUT Load Regulation
IOUT = 1mA to 10mA
q
210
mV
IOUT = 1mA to 30mA (Note 4)
4
mV
VOUT Shutdown Resistance
CN/SHDN = 0V (Note 5)
VIN = 2.7V, Resistance Measured to Ground
q
160
400
Ω
VIN = 4.4V, Resistance Measured to Ground
q
100
300
Ω
CN/SHDN Input Threshold
VIN = 2.7V to 4.4V (Note 5)
q
0.15
0.5
1.6
V
CN/SHDN Input Current
CN/SHDN = 0V (Note 5)
q
–1
–3
–6
µA
Burst Mode is a trademark of Linear Technology Corporation.
LTC1928ES6-5
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1928ES6-5 is guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Dropout voltage is the minimum input/output voltage required to
maintain regulation at the specified output current. In dropout the output
voltage will be equal to: VCPO – VDROPOUT (see Figure 2).
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3V, CFLY = 0.47µF, COUT, CCPO, CIN = 4.7µF unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com