Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM137 Datasheet(PDF) 1 Page - Linear Technology

Part # LM137
Description  Negative Adjustable Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM137 Datasheet(HTML) 1 Page - Linear Technology

  LM137 Datasheet HTML 1Page - Linear Technology LM137 Datasheet HTML 2Page - Linear Technology LM137 Datasheet HTML 3Page - Linear Technology LM137 Datasheet HTML 4Page - Linear Technology LM137 Datasheet HTML 5Page - Linear Technology LM137 Datasheet HTML 6Page - Linear Technology LM137 Datasheet HTML 7Page - Linear Technology LM137 Datasheet HTML 8Page - Linear Technology LM137 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
137afb
LT137A/LM137
LT337A/LM337
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Negative Adjustable
Regulator
The LT®137A/LT337A negative adjustable regulators will
deliver up to 1.5A output current over an output voltage
range of –1.2V to –37V. Linear Technology has made
significant improvements in these regulators compared to
previous devices, such as better line and load regulation,
and a maximum output voltage error of 1%.
Every effort has been made to make these devices easy
to use and difficult to damage. Internal current and power
limiting coupled with true thermal limiting prevents device
damage due to overloads or shorts, even if the regulator
is not fastened to a heat sink.
Maximum reliability is attained with Linear Technology’s
advanced processing techniques combined with a 100%
burn-in in the thermal limit mode. This assures that all
device protection circuits are working and eliminates field
failures experienced with other regulators that receive only
standard electrical testing.
Negative Regulator
n Guaranteed 1% Initial Voltage Tolerance
n Guaranteed 0.01%/V Line Regulation
n Guaranteed 0.5% Load Regulation
n Guaranteed 0.02%/W Thermal Regulation
n 100% Burn-in in Thermal Limit
n Adjustable Power Supplies
n System Power Supplies
n Precision Voltage/Current Regulators
n On-Card Regulators
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
Output Voltage Error
LT137A
ADJ
VIN
–VIN
R2*
*R2 = R1
VOUT
–VOUT = 1.25V 1 +
R2
R1
137A TA01
+
R1
121Ω
C3
1μF
SOLID
TANTALUM
+
C2
5μF
SOLID
TANTALUM
– 1
|VOUT|
1.25V
OUTPUT VOLTAGE (V)
12
4
6 8
20
40
12
11
10
9
8
7
6
5
4
3
2
1
0
10
100
137A TA01b
LM337
LT337A
1% RESISTORS
2% RESISTORS


Similar Part No. - LM137

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
3-Terminal Adjustable Negative Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
logo
Seme LAB
LM137 SEME-LAB-LM137 Datasheet
43Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
1,005Kb / 18P
Three-terminal adjustable negative voltage regulators
17-Jul-2008
logo
Linear Technology
LM137 LINER-LM137 Datasheet
167Kb / 12P
Negative Adjustable Regulator
More results

Similar Description - LM137

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT137A LINER-LT137A Datasheet
795Kb / 8P
Negative Adjustable Regulator
RH137 LINER-RH137 Datasheet
163Kb / 4P
Negative Adjustable Regulator
LT1033 LINER-LT1033_02 Datasheet
193Kb / 12P
3A Negative Adjustable Regulator
LT137A LINER-LT137A_1 Datasheet
167Kb / 12P
Negative Adjustable Regulator
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Linear Technology
LM337 LINER-LM337_15 Datasheet
158Kb / 12P
Negative Adjustable Regulator
LT137A LINER-LT137A_15 Datasheet
158Kb / 12P
Negative Adjustable Regulator
LT337A LINER-LT337A_15 Datasheet
158Kb / 12P
Negative Adjustable Regulator
RH137 LINER-RH137_15 Datasheet
93Kb / 2P
Negative Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com