Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337 Datasheet(PDF) 6 Page - Linear Technology

Part # LM337
Description  Negative Adjustable Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM337 Datasheet(HTML) 6 Page - Linear Technology

Back Button LM337 Datasheet HTML 2Page - Linear Technology LM337 Datasheet HTML 3Page - Linear Technology LM337 Datasheet HTML 4Page - Linear Technology LM337 Datasheet HTML 5Page - Linear Technology LM337 Datasheet HTML 6Page - Linear Technology LM337 Datasheet HTML 7Page - Linear Technology LM337 Datasheet HTML 8Page - Linear Technology LM337 Datasheet HTML 9Page - Linear Technology LM337 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT137A/LM137
LT337A/LM337
6
137afb
TEMPERATURE (°C)
–75
75
–25
80
75
70
65
60
55
50
137A G12
–50
25
50
0
150
100 125
OUTPUT CURRENT (A)
*THE LT137A/LT337A HAS LOAD REGULATION
COMPENSATION WHICH MAKES THE TYPICAL
UNIT READ CLOSE TO ZERO. THIS BAND
REPRESENTS THE TYPICAL PRODUCTION
SPREAD.
0
1.6
137A G10
0.4
0.8
1.2
2.0
0.4
0.2
0
–0.2
–0.4
INPUT-OUTPUT DIFFERENTIAL (V)
0
3
2
1
0
137A G11
40
30
20
10
H
PACKAGE
M, T AND K
PACKAGES
Tj = –55°C
Tj = 25°C
Tj = 150°C
TIME (μs)
10
0.8
0.6
0.4
0.2
–0.4
–0.5
–0.2
0
0
–1.0
137A G08
030
20
40
CADJ = 10μF
VOUT = –10V
IL = 50mA
CL = 1μF
Tj = 25°C
CADJ = 0
FREQUENCY (Hz)
10
100
101
100
10–1
10–2
10–3
137A G07
1k
10k
100k
1M
CADJ = 10μF
VIN = –15V
VOUT = –10V
IL = 500mA
CL = 1μF
Tj = 25°C
CADJ = 0
TYPICAL PERFORMANCE CHARACTERISTICS
Output Impedance
Line Transient Response
Load Transient Response
Load Regulation*
Current Limit
Adjustment Current
TIME (μs)
10
0.6
0.4
0.2
–0.6
–0.4
–0.5
–0.2
0
0
–1.5
–1.0
137A G09
030
20
40
CADJ = 0
VIN = –15V
VOUT = –10V
INL = 50mA
CL = 1μF
Tj = 25°C
CADJ = 10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com