Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1010 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1010
Description  Fast 150mA Power Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1010 Datasheet(HTML) 2 Page - Linear Technology

  LT1010_15 Datasheet HTML 1Page - Linear Technology LT1010_15 Datasheet HTML 2Page - Linear Technology LT1010_15 Datasheet HTML 3Page - Linear Technology LT1010_15 Datasheet HTML 4Page - Linear Technology LT1010_15 Datasheet HTML 5Page - Linear Technology LT1010_15 Datasheet HTML 6Page - Linear Technology LT1010_15 Datasheet HTML 7Page - Linear Technology LT1010_15 Datasheet HTML 8Page - Linear Technology LT1010_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1010
2
1010fe
Total Supply Voltage .............................................±22V
Continuous Output Current (Note 2) ................. ±150mA
Input Current (Note 3)......................................... ±40mA
Junction Temperature Range
LT1010C................................................ 0°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1010CDD#PBF
LT1010CDD#TRPBF
LBWZ
8-Lead (3mm
× 3mm) Plastic DFN
0°C to 100°C
LT1010CN8#PBF
LT1010CN8#TRPBF
LTC1010CN8
8-Lead PDIP
0°C to 100°C
LT1010CT#PBF
LT1010CT#TRPBF
LTC1010CT
5-Lead Plastic TO-220
0°C to 100°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1010CDD
LT1010CDD#TR
LBWZ
8-Lead (3mm
× 3mm) Plastic DFN
0°C to 100°C
LT1010CN8
LT1010CN8#TR
LTC1010CN8
8-Lead PDIP
0°C to 100°C
LT1010CT
LT1010CT#TR
LTC1010CT
5-Lead Plastic TO-220
0°C to 100°C
OBSOLETE PACKAGE
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PRECONDITIONING
ABSOLUTE MAXIMUM RATINGS
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
V+
BIAS
OUT
NC
INPUT
NC
V–
NC
TJMAX = 150°C, θJA = 43°C/W, θJC = 7.5°C/W
EXPOSED PAD (PIN 9) V– CAN BE SOLDERED TO PCB
TO REDUCE THERMAL RESISTANCE (NOTE 7)
1
2
3
4
8
7
6
5
TOP VIEW
V+
BIAS
OUT
NC
INPUT
NC
V–
NC
N8 PACKAGE
8-LEAD PDIP
TJMAX = 150°C, θJA = 100°C/W, θJC = 45°C/W
T PACKAGE
5-LEAD PLASTIC TO-220
OUTPUT
BIAS
V– (TAB)
V+
INPUT
FRONT VIEW
5
4
3
2
1
V–
TJMAX = 125°C, θJA = 50°C/W, θJC = 3°C/W
PIN CONFIGURATION
100% Thermal Limit Burn In–LT1010CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com