Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1016 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1016
Description  UltraFast Precision 10ns Comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1016 Datasheet(HTML) 2 Page - Linear Technology

  LT1016_15 Datasheet HTML 1Page - Linear Technology LT1016_15 Datasheet HTML 2Page - Linear Technology LT1016_15 Datasheet HTML 3Page - Linear Technology LT1016_15 Datasheet HTML 4Page - Linear Technology LT1016_15 Datasheet HTML 5Page - Linear Technology LT1016_15 Datasheet HTML 6Page - Linear Technology LT1016_15 Datasheet HTML 7Page - Linear Technology LT1016_15 Datasheet HTML 8Page - Linear Technology LT1016_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1016
2
1016fc
absoluTe MaxiMuM raTings
Positive Supply Voltage (Note 5) ................................7V
Negative Supply Voltage .............................................7V
Differential Input Voltage (Note 7) ........................... ±5V
+IN, –IN and LATCH ENABLE Current (Note 7) .... ±10mA
Output Current (Continuous) (Note 7)................. ±20mA
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
V+
+IN
–IN
V–
Q OUT
Q OUT
GND
LATCH
ENABLE
N8 PACKAGE
8-LEAD PDIP
+
–
TJMAX = 100°C, θJA = 130°C/W (N8)
ORDER PART
NUMBER
TOP VIEW
Q OUT
Q OUT
GND
LATCH
ENABLE
V+
+IN
–IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
+
–
TJMAX = 110°C, θJA = 120°C/W
ORDER PART
NUMBER
LT1016CN8
LT1016IN8
LT1016CS8
LT1016IS8
S8 PART
MARKING
1016
1016I
Consult LTC marketing for parts specified with wider operating temperature ranges.
pin conFiguraTion
Operating Temperature Range
LT1016I................................................–40°C to 85°C
LT1016C................................................... 0°C to 70°C
Storage Temperature Range ..................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com