Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1016 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1016
Description  UltraFast Precision 10ns Comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1016 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1016 Datasheet HTML 9Page - Linear Technology LT1016 Datasheet HTML 10Page - Linear Technology LT1016 Datasheet HTML 11Page - Linear Technology LT1016 Datasheet HTML 12Page - Linear Technology LT1016 Datasheet HTML 13Page - Linear Technology LT1016 Datasheet HTML 14Page - Linear Technology LT1016 Datasheet HTML 15Page - Linear Technology LT1016 Datasheet HTML 16Page - Linear Technology LT1016 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1016
13
1016fc
applicaTions inForMaTion
1.8µs, 12-Bit A/D Converter
The LT1016’s high speed is used to implement a very fast
12-bit A/D converter in Figure 15. The circuit is a modified
form of the standard successive approximation approach
andisfasterthanmostcommercialSAR12-bitunits.Inthis
arrangement the 2504 successive approximation register
(SAR), A1 and C1 test each bit, beginning with the MSB,
and produce a digital word representing VIN’s value.
To get faster conversion time, the clock is controlled
by the window comparator monitoring the DAC input
summing junction. Additionally, the DMOS FET clamps
the DAC output to ground at the beginning of each clock
cycle, shortening DAC settling time. After the fifth bit is
converted, the clock runs at maximum speed.
Figure 15. 12-Bit 1.8µs SAR A-to-D
–
+
LT1021
10V
MSB
LSB
PARALLEL
DIGITAL
DATA
OUTPUT
5V
15V
5V
–5V
5V
–15V
–15V
VR+
VR–
GND
IO
IO
V+
V –
COMP
AM6012
AM2504
150k
150k
15k
1k
5V
Q4
Q5
NC
–5V
5V
–15V
5V
2.5k
620*
620*
150
0.01µF
Q3
Q1 Q2
VIN
0V TO 10V
27k
STATUS
9
6
7
5
4
3
1000pF
0.01µF
SD210
V+
CLK
GND
E
S
CC
D
Q6
1
3
14
11
12
13
14
15
16
17
18
19
20
24
13
10k**
10k
2.5k**
1k
1k
–
+
NC
NC
5V
5V
5V
1k
0.1µF
10
–5V
–5V
–5V
1k
0.1µF
10
1/2 74S74
1/2 74S74
1/6 74S04
1/4 74S00
1/4 74S00
1/4 74S08
1/4 74S08
1/6 74S04
PRS
PRS
Q
RST
D
CLK
CLOCK
CONVERT
COMMAND
7.4MHz
IN B
Q
74121
1016 F15
Q1 TO Q5 RCA CA3127 ARRAY
1N4148
HP5082-2810
*1% FILM RESISTOR
**PRECISION 0.01%; VISHAY S-102
–
+
C3
LT1016
C1
LT1016
C2
LT1016
10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com