Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1086 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1086
Description  1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1086 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1086 Datasheet HTML 8Page - Linear Technology LT1086 Datasheet HTML 9Page - Linear Technology LT1086 Datasheet HTML 10Page - Linear Technology LT1086 Datasheet HTML 11Page - Linear Technology LT1086 Datasheet HTML 12Page - Linear Technology LT1086 Datasheet HTML 13Page - Linear Technology LT1086 Datasheet HTML 14Page - Linear Technology LT1086 Datasheet HTML 15Page - Linear Technology LT1086 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1086 Series
sn1086 1086ffs
TYPICAL APPLICATIONS
12V
1.5A
–12V
1.5A
LT1086
ADJ
IN
OUT
LT1086 • TA12
10
µF
1N4002
124
Ω*
1.07k*
470
µF
MUR410
VIN
470
µF
10
µF
MUR410
FEEDBACK PATH
5V OUTPUT
(TYPICAL)
LT1086
SWITCHING
REGULATOR
ADJ
IN
OUT
10
µF
1N4002
124
Ω*
1.07k*
470
µF
*1% FILM RESISTORS
MUR410
10
µF
+
+
+
+
+
+
+
High Efficiency Dual Supply
High Efficiency Dual Linear Supply
12V
1.5A
–12V
1.5A
124
Ω*
LT1086
ADJ
IN
OUT
LT1086 • TA11
1.07k*
100
µF
D1
1N4002
2.4k
30k
20k*
LT1004-2.5
30.1k*
2
8
7
4
3
510k
1000
µF
L1
285
µH
1k
MBR360
HEAT SINK
2N6667
DARLINGTON
HEAT SINK
2N6667
DARLINGTON
10k
–
+
LT1011
4700
µF
MDA201
+
–
124
Ω*
LT1086
ADJ
IN
OUT
1.07k*
100
µF
D2
1N4002
2.4k
30k
20k*
LT1004-2.5
30.1k*
2
8
7
4
3
510k
1000
µF
L1
285
µH
1k
MBR360
130VAC
TO 90VAC
STANCOR
P-8685
10k
–
+
LT1011
4700
µF
*1% FILM RESISTORS
MDA = MOTOROLA
L1 = PULSE ENGINEERING, INC. #PE-92106
MDA201
+
–
Q1
Q2
+
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com