Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1122 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1122
Description  Fast Settling, JFET Input Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1122 Datasheet(HTML) 2 Page - Linear Technology

  LT1122_15 Datasheet HTML 1Page - Linear Technology LT1122_15 Datasheet HTML 2Page - Linear Technology LT1122_15 Datasheet HTML 3Page - Linear Technology LT1122_15 Datasheet HTML 4Page - Linear Technology LT1122_15 Datasheet HTML 5Page - Linear Technology LT1122_15 Datasheet HTML 6Page - Linear Technology LT1122_15 Datasheet HTML 7Page - Linear Technology LT1122_15 Datasheet HTML 8Page - Linear Technology LT1122_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LT1122
2
1122fb
For more information www.linear.com/LT1122
ABSOLUTE MAXIMUM RATINGS
Supply Voltage...................................................... ±20V
Differential Input Voltage ....................................... ±40V
Input Voltage.......................................................... ±20V
Output Short Circuit Duration .......................... Indefinite
Lead Temperature (Soldering, 10 sec.)..................300°C
(Note 1)
ORDER INFORMATION
Operating Temperature Range
LT1122AM/BM/CM/DM (OBSOLETE).. –55°C to 125°C
LT1122AC/BC/CC/DC/CS/DS.................–40°C to 85°C
Storage Temperature Range
All Devices .......................................... –65°C to 150°C
1
2
3
4
8
7
6
5
TOP VIEW
–IN
+IN
V–
V+
OUT
VOS TRIM
N8 PACKAGE
8-LEAD PDIP
VOS
TRIM
SPEED BOOST/
OVERCOMP
TJMAX = 150°C, θJA = 130°C/W
OBSOLETE PACKAGE
J8 PACKAGE 8-LEAD HERMETIC DIP
TJMAX = 175°C, θJA = 100°C/W
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT
VOS TRIM
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
SPEED BOOST/
OVERCOMP
VOS
TRIM
TJMAX = 150°C, θJA = 190°C/W
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1122ACN8#PBF
LT1122ACN8#TRPBF
LT1122ACN8
8-Lead Plastic DIP
–40°C to 85°C
LT1122BCN8#PBF
LT1122BCN8#TRPBF
LT1122BCN8
8-Lead Plastic DIP
–40°C to 85°C
LT1122CCN8#PBF
LT1122CCN8#TRPBF
LT1122CCN8
8-Lead Plastic DIP
–40°C to 85°C
LT1122DCN8#PBF
LT1122DCN8#TRPBF
LT1122DCN8
8-Lead Plastic DIP
–40°C to 85°C
LT1122CS8#PBF
LT1122CS8#TRPBF
1122C
8-Lead Plastic SO
–40°C to 85°C
LT1122DS8#PBF
LT1122DS8#TRPBF
1122D
8-Lead Plastic SO
–40°C to 85°C
OBSOLETE PACKAGE
LT1122AMJ8#PBF
LT1122AMJ8#TRPBF
LT1122AMJ8
8-Lead Hermetic DIP
–55°C to 125°C
LT1122BMJ8#PBF
LT1122BMJ8#TRPBF
LT1122BMJ8
8-Lead Hermetic DIP
–55°C to 125°C
LT1122CMJ8#PBF
LT1122CMJ8#TRPBF
LT1122CMJ8
8-Lead Hermetic DIP
–55°C to 125°C
LT1122DMJ8#PBF
LT1122DMJ8#TRPBF
LT1122DMJ8
8-Lead Hermetic DIP
–55°C to 125°C
LT1122ACJ8#PBF
LT1122ACJ8#TRPBF
LT1122ACJ8
8-Lead Hermetic DIP
–40°C to 85°C
LT1122BCJ8#PBF
LT1122BCJ8#TRPBF
LT1122BCJ8
8-Lead Hermetic DIP
–40°C to 85°C
LT1122CCJ8#PBF
LT1122CCJ8#TRPBF
LT1122CCJ8
8-Lead Hermetic DIP
–40°C to 85°C
LT1122DCJ8#PBF
LT1122DCJ8#TRPBF
LT1122DCJ8
8-Lead Hermetic DIP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part markings, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com