Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRC281M Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRC281M
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC281M Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRC281M Datasheet HTML 1Page - KEC(Korea Electronics) KRC281M Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2002. 12. 5
2/2
KRC281M~KRC286M
Revision No : 1
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA
20
-
-
V
Collector-Base Breakdown Voltage
BVCBO
IC=50 A
50
-
-
V
Emitter-Base Breakdown Voltage
BVEBO
IE=50 A
25
-
-
V
Collector Cut-off Current
ICBO
VCB=50V, IE=0
-
-
0.1
A
Collector-Emitter Saturation Voltage
VCE(sat)
IC=30mA, IB=3mA
-
-
0.1
V
DC Current Gain
hFE
VCE=2V, IC=4mA
350
-
1200
Input Resistor
KRC281M
R1
-
2.2
-
k
KRC282M
-
4.7
-
KRC283M
-
5.6
-
KRC284M
-
6.8
-
KRC285M
-
10
-
KRC286M
-
22
-
Transition Frequency
fT *
VCE=6V, IC=4mA,
-
30
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
4.8
-
pF
ELECTRICAL CHARACTERISTICS (Ta=25 )
* Characteristic of Transistor Only.
Note) hFE Classification B:350 1200



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com