Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1312 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1312
Description  Single PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1312 Datasheet(HTML) 2 Page - Linear Technology

  LT1312_15 Datasheet HTML 1Page - Linear Technology LT1312_15 Datasheet HTML 2Page - Linear Technology LT1312_15 Datasheet HTML 3Page - Linear Technology LT1312_15 Datasheet HTML 4Page - Linear Technology LT1312_15 Datasheet HTML 5Page - Linear Technology LT1312_15 Datasheet HTML 6Page - Linear Technology LT1312_15 Datasheet HTML 7Page - Linear Technology LT1312_15 Datasheet HTML 8Page - Linear Technology LT1312_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1312
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Supply Voltage ........................................................ 22V
Digital Input Voltage ........................ 7V to (GND – 0.3V)
Sense Input Voltage ......................... 7V to (GND – 0.3V)
Valid Output Voltage ...................... 15V to (GND – 0.3V)
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature ................................ 0
°C to 70°C
Junction Temperature ................................ 0
°C to 125°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LT1312CS8
ORDER PART
NUMBER
Consult factory for Industrial and Military grade parts.
TJMAX = 125°C, θJA = 150°C/ W
1312
S8 PART MARKING
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPPOUT
Output Voltage
Program to 12V, IOUT ≤ 120mA (Note 1)
q
11.52
12.00
12.48
V
Program to 5V, IOUT ≤ 30mA (Note 1)
q
4.75
5.00
5.25
V
Program to 3.3V, IOUT ≤ 30mA (Note 1)
q
3.135
3.30
3.465
V
Program to 0V, IOUT = – 300µA
0.42
0.60
V
ILKG
Output Leakage
Program to Hi-Z, 0V
≤ VPPOUT ≤ 12V
q
–10
10
µA
IS
Supply Current
Program to 0V
q
30
50
µA
Program to Hi-Z
q
30
50
µA
Program to 12V, No Load
q
230
360
µA
Program to 5V, No Load
q
75
120
µA
Program to 3.3V, No Load
q
55
90
µA
Program to 12V, IOUT = 120mA
q
126
132
mA
Program to 5V, IOUT = 30mA
q
31
33
mA
Program to 3.3V, IOUT = 30mA
q
31
33
mA
ILIM
Current Limit
Program to 3.3V, 5V or 12V
330
500
mA
VENH
Enable Input High Voltage
q
2.4
V
VENL
Enable Input Low Voltage
q
0.4
V
IENH
Enable Input High Current
2.4V
≤ VIN ≤ 5.5V
20
50
µA
IENL
Enable Input Low Current
0V
≤ VIN ≤ 0.4V
0.01
1
µA
VSEN5
VCC Sense Threshold
VPPOUT = 3.3V to 5V
q
3.60
4.05
4.50
V
VSEN3
VCC Sense Threshold
VPPOUT = 5V to 3.3V
q
3.60
4.00
4.50
V
ISEN
VCC Sense Input Current
VSENSE = 5V
38
60
µA
VSENSE = 3.3V
18
30
µA
VVALID TH
VPP VALID Threshold Voltage
Program to 12V
q
10.5
11
11.5
V
IVALID
VPP VALID Output Drive Current
Program to 12V, VVALID = 0.4V
1
3.3
mA
VPP VALID Output Leakage Current
Program to 0V, VVALID = 12V
0.1
10
µA
The q denotes the specifications which apply over the full operating
temperature range.
Note 1: For junction temperatures greater than 110
°C, a minimum load
of 1mA is recommended.
VS = 13V to 20V, TA = 25°C, unless otherwise noted.
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
GND
ENO
EN1
VALID
VPPOUT
N.C.
VS
SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com