Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1194 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1194
Description  Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1194 Datasheet(HTML) 2 Page - Linear Technology

  LT1194_15 Datasheet HTML 1Page - Linear Technology LT1194_15 Datasheet HTML 2Page - Linear Technology LT1194_15 Datasheet HTML 3Page - Linear Technology LT1194_15 Datasheet HTML 4Page - Linear Technology LT1194_15 Datasheet HTML 5Page - Linear Technology LT1194_15 Datasheet HTML 6Page - Linear Technology LT1194_15 Datasheet HTML 7Page - Linear Technology LT1194_15 Datasheet HTML 8Page - Linear Technology LT1194_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1194
LT1194M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
All Packages
1
6
mV
IOS
Input Offset Current
0.2
3
µA
IB
Input Bias Current
±0.5
±3.5
µA
en
Input Noise Voltage
fO = 10kHz
15
nV/
√Hz
in
Input Noise Current
fO = 10kHz
4
pA/
√Hz
RIN
Input Resistance
Either Input
30
k
Ω
CIN
Input Capacitance
Either Input
2
pF
Input Voltage Range
– 2.5
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = –2.5V to 3.5V
65
80
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
65
80
dB
VOMAX
Maximum Output Signal
VS = ±8V (Note 3)
±3
±4.3
V
VLIM
Output Voltage Limit
Vi = ±0.5V, VC = 2V (Note 4)
±20
±120
mV
VOUT
Output Voltage Swing
VS = ±8V, VREF = 4V
RL = 1k
6.6
6.9
V
RL = 100Ω
6.3
6.7
V
VS = ±8V, VREF = –4V
RL = 1k
– 6.7
– 7.4
V
RL = 100Ω
– 6.4
– 6.7
V
VS = ±5V, VREF = 0V, RL = 1k
±3
±4V
GE
Gain Error
VO = ±3V
RL = 1k
0.5
3
%
RL = 100Ω
0.5
3
%
SR
Slew Rate
VO = ± 1V, RL = 1k (Notes 5, 9)
350
500
V/
µs
FPBW
Full-Power Bandwidth
VO = 6VP-P (Note 6)
18.5
26.5
MHz
BW
Small-Signal Bandwidth
35
MHz
tr, tf
Rise Time, Fall Time
RL = 1k, VO = ±500mV, 20% to 80% (Note 9)
4
6
8
ns
tPD
Propagation Delay
RL = 1k, VO = ±125mV, 50% to 50%
6.5
ns
(Note 1)
Total Supply Voltage (V+ to V–) .............................. 18V
Differential Input Voltage ........................................
±6V
Input Voltage ..........................................................
±VS
Output Short Circuit Duration (Note 2) ........ Continuous
Operating Temperature Range
LT1194M (OBSOLETE) ............... –55
°C to 125°C
LT1194C ................................................. 0
°C to 70°C
Maximum Junction Temperature ......................... 150
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
VS = ±5V, VREF = 0V, Null Pins 1 and 8 open circuit, TA = 25°C, CL ≤ 10pF, unless otherwise noted.
LT1194CN8
LT1194CS8
S8 PART MARKING
1194
TJMAX = 150°C, θJA = 100°C/W (N8)
TJMAX = 150°C, θJA = 150°C/W (S8)
Consult LTC Marketing for parts specified with wider operating temperature
ranges.
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TOP VIEW
BAL/VC
V+
OUT
REF
BAL/VC
–IN
+IN
V–
LT1194MJ8
LT1194CJ8
OBSOLETE PACKAGE
J8 PACKAGE 8-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W
Consider the N8 or S8 Packages for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com