Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRC652U Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRC652U
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC652U Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRC652U Datasheet HTML 1Page - KEC(Korea Electronics) KRC652U Datasheet HTML 2Page - KEC(Korea Electronics) KRC652U Datasheet HTML 3Page - KEC(Korea Electronics) KRC652U Datasheet HTML 4Page - KEC(Korea Electronics) KRC652U Datasheet HTML 5Page - KEC(Korea Electronics) KRC652U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2002. 1. 24
2/6
KRC651U~KRC656U
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : * Characteristic of Transistor Only.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRC651U 656U
IO(OFF)
VO=50V, VI=0
-
-
500
nA
DC Current Gain
KRC651U
GI
VO=5V, IO=10mA
30
55
-
KRC652U
50
80
-
KRC653U
70
120
-
KRC654U
80
200
-
KRC655U
80
200
-
KRC656U
80
200
-
Output Voltage
KRC651U 656U
VO(ON)
IO=10mA, II=0.5mA
-
0.1
0.3
V
Input Voltage (ON)
KRC651U
VI(ON)
VO=0.2V, IO=5mA
-
1.5
2.0
V
KRC652U
-
1.8
2.4
KRC653U
-
2.1
3.0
KRC654U
-
2.8
5.0
KRC655U
-
0.8
1.1
KRC656U
-
0.9
1.3
Input Votlage (OFF)
KRC651U 654U
VI(OFF)
VO=5V, IO=0.1mA
1.0
1.2
-
V
KRC655U 656U
0.5
0.65
-
Transition Frequency
KRC651U 656U
fT *
VO=10V, IO=5mA
-
200
-
MHz
Input Current
KRC651U
II
VI=5V
-
-
1.8
mA
KRC652U
-
-
0.88
KRC653U
-
-
0.36
KRC654U
-
-
0.18
KRC655U
-
-
3.6
KRC656U
-
-
1.8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com