Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1352 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1352
Description  Dual and Quad 250A, 3MHz, 200V/s Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 2 Page - Linear Technology

  LT1352_15 Datasheet HTML 1Page - Linear Technology LT1352_15 Datasheet HTML 2Page - Linear Technology LT1352_15 Datasheet HTML 3Page - Linear Technology LT1352_15 Datasheet HTML 4Page - Linear Technology LT1352_15 Datasheet HTML 5Page - Linear Technology LT1352_15 Datasheet HTML 6Page - Linear Technology LT1352_15 Datasheet HTML 7Page - Linear Technology LT1352_15 Datasheet HTML 8Page - Linear Technology LT1352_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1352/LT1353
13523fa
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
±15V
0.2
0.6
mV
±5V
0.2
0.6
mV
±2.5V
0.3
0.8
mV
IOS
Input Offset Current
±2.5V to ±15V
5
15
nA
IB
Input Bias Current
±2.5V to ±15V
20
50
nA
en
Input Noise Voltage
f = 10kHz
±2.5V to ±15V
14
nV/
√Hz
in
Input Noise Current
f = 10kHz
±2.5V to ±15V
0.5
pA/
√Hz
RIN
Input Resistance
VCM = ±12V
±15V
300
600
M
Ω
Differential
±15V
20
M
Ω
CIN
Input Capacitance
±15V
3
pF
Positive Input Voltage Range
±15V
12.0
13.5
V
±5V
2.5
3.5
V
±2.5V
0.5
1.0
V
Negative Input Voltage Range
±15V
– 13.5
– 12.0
V
±5V
– 3.5
– 2.5
V
±2.5V
– 1.0
– 0.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±12V
±15V
80
94
dB
VCM = ±2.5V
±5V
78
86
dB
VCM = ±0.5V
±2.5V
68
77
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±15V
90
106
dB
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V + to V –) .............................. 36V
Differential Input Voltage (Transient Only, Note 2)
±10V
Input Voltage ..........................................................
±VS
Output Short-Circuit Duration (Note 3) ........... Indefinite
Operating Temperature Range ................ – 40
°C to 85°C
Specified Temperature Range (Note 7) .. – 40
°C to 85°C
Maximum Junction Temperature (See Below)
Plastic Package ............................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ELECTRICAL CHARACTERISTICS TA = 25°C, VCM = 0V unless otherwise noted
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1352CN8
LT1352CS8
LT1352IN8
LT1352IS8
LT1353CS
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
C
B
D
A
TJMAX = 150°C, θJA = 150°C/ W
S8 PART MARKING
1352
1352I
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
B
A
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S8)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com