Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRC653U Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KRC653U
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC653U Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KRC653U Datasheet HTML 1Page - KEC(Korea Electronics) KRC653U Datasheet HTML 2Page - KEC(Korea Electronics) KRC653U Datasheet HTML 3Page - KEC(Korea Electronics) KRC653U Datasheet HTML 4Page - KEC(Korea Electronics) KRC653U Datasheet HTML 5Page - KEC(Korea Electronics) KRC653U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2002. 1. 24
3/6
KRC651U~KRC656U
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Switching
Time
Rise Time
KRC651U
tr
VO=5V
VIN=5V
RL=1k
-
0.03
-
S
KRC652U
-
0.05
-
KRC653U
-
0.12
-
KRC654U
-
0.22
-
KRC655U
-
0.01
-
KRC656U
-
0.03
-
Storage Time
KRC651U
tstg
-
2.0
-
KRC652U
-
2.0
-
KRC653U
-
2.0
-
KRC654U
-
2.0
-
KRC655U
-
2.0
-
KRC656U
-
2.0
-
Fall Time
KRC651U
tf
-
0.12
-
KRC652U
-
0.36
-
KRC653U
-
0.35
-
KRC654U
-
0.6
-
KRC655U
-
0.1
-
KRC656U
-
0.19
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com