Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1353 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1353
Description  Dual and Quad 250A, 3MHz, 200V/s Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1353 Datasheet(HTML) 1 Page - Linear Technology

  LT1353 Datasheet HTML 1Page - Linear Technology LT1353 Datasheet HTML 2Page - Linear Technology LT1353 Datasheet HTML 3Page - Linear Technology LT1353 Datasheet HTML 4Page - Linear Technology LT1353 Datasheet HTML 5Page - Linear Technology LT1353 Datasheet HTML 6Page - Linear Technology LT1353 Datasheet HTML 7Page - Linear Technology LT1353 Datasheet HTML 8Page - Linear Technology LT1353 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1352/LT1353
13523fa
TYPICAL APPLICATIO
APPLICATIO S
DESCRIPTIO
FEATURES
Dual and Quad
250
µA, 3MHz, 200V/µs
Operational Amplifiers
s
3MHz Gain Bandwidth
s
200V/
µs Slew Rate
s
250
µA Supply Current per Amplifier
s
C-Load
TM Op Amp Drives All Capacitive Loads
s
Unity-Gain Stable
s
Maximum Input Offset Voltage: 600
µV
s
Maximum Input Bias Current: 50nA
s
Maximum Input Offset Current: 15nA
s
Minimum DC Gain, RL = 2k: 30V/mV
s
Input Noise Voltage: 14nV/
√Hz
s
Settling Time to 0.1%, 10V Step: 700ns
s
Settling Time to 0.01%, 10V Step: 1.25
µs
s
Minimum Output Swing into 1k:
±13V
s
Minimum Output Swing into 500
Ω: ±3.4V
s
Specified at
±2.5V, ±5V and ±15V
s
Battery-Powered Systems
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Data Acquisition Systems
s
Photodiode Amplifiers
The LT
®1352/LT1353 are dual and quad, very low power,
high speed operational amplifiers with outstanding AC
and DC performance. The amplifiers feature much lower
supply current and higher slew rate than devices with
comparable bandwidth. The circuit combines the slewing
performance of a current feedback amplifier in a true
operational amplifier with matched high impedance
inputs. The high slew rate ensures that the large-signal
bandwidth is not degraded. Each output is capable of
driving a 1k
Ωloadto ±13Vwith±15Vsuppliesanda500Ω
load to
±3.4V on ±5V supplies.
The LT1352/LT1353 are members of a family of fast, high
performance amplifiers using this unique topology and
employing Linear Technology Corporation’s advanced
complementary bipolar processing. For higher bandwidth
devices with higher supply current see the LT1354 through
LT1365 data sheets. Bandwidths of 12MHz, 25MHz, 50MHz
and 70MHz are available with 1mA, 2mA, 4mA and 6mA of
supply current per amplifier. Singles, duals and quads of
each amplifier are available. The LT1352 is available in an
8-lead SO package. The LT1353 is offered in a 14-lead
narrow surface mount package.
C-Load is a trademark of Linear Technology Corporation.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Instrumentation Amplifier
Large-Signal Response
AV = –1
1352/53 TA02
+
–
GAIN = [R4/R3][1 + (1/2)(R2/R1 + R3/R4) + (R2 + R3)/R5] = 102
TRIM R5 FOR GAIN
TRIM R1 FOR COMMON MODE REJECTION
BW = 30kHz
–
+
1/2
LT1352
–
+
1/2
LT1352
R1
50k
R2
5k
R5
1.1k
R3
5k
R4
50k
VIN
VOUT
1352/53 TA01
s
Available in SO-8 Package
s
LT1353 in Narrow Surface Mount Package


Similar Part No. - LT1353

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1353 LINER-LT1353 Datasheet
325Kb / 12P
Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifiers
LT1353 LINER-LT1353 Datasheet
147Kb / 12P
Nanopower Comparator with Reference
LT1353 LINER-LT1353 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
LT1353CS LINER-LT1353CS Datasheet
325Kb / 12P
Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifiers
LT1353CS LINER-LT1353CS Datasheet
399Kb / 16P
Dual and Quad 250mA, 3MHz, 200V/ms Operational Amplifiers
More results

Similar Description - LT1353

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1352 LINER-LT1352 Datasheet
325Kb / 12P
Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifiers
logo
Harris Corporation
HA5234 HARRIS-HA5234 Datasheet
277Kb / 5P
Precision Dual and Quad Operational Amplifiers
logo
Linear Technology
LT1352 LINER-LT1352_1 Datasheet
399Kb / 16P
Dual and Quad 250mA, 3MHz, 200V/ms Operational Amplifiers
LT1351 LINER-LT1351_15 Datasheet
310Kb / 16P
250A, 3MHz, 200V/s Operational Amplifier
LT1352 LINER-LT1352_15 Datasheet
404Kb / 16P
Dual and Quad 250A, 3MHz, 200V/s Operational Amplifiers
LT1813 LINER-LT1813_15 Datasheet
250Kb / 16P
Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
LT1814 LINER-LT1814_15 Datasheet
250Kb / 16P
Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
logo
Diodes Incorporated
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
DUAL AND QUAD OPERATIONAL AMPLIFIERS
Rev 3
LM2902Q DIODES-LM2902Q Datasheet
841Kb / 16P
AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
Rev 3
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
DUAL AND QUAD OPERATIONAL AMPLIFIERS
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com