Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1371 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1371
Description  500kHz High Efficiency 3A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1371 Datasheet(HTML) 2 Page - Linear Technology

  LT1371_15 Datasheet HTML 1Page - Linear Technology LT1371_15 Datasheet HTML 2Page - Linear Technology LT1371_15 Datasheet HTML 3Page - Linear Technology LT1371_15 Datasheet HTML 4Page - Linear Technology LT1371_15 Datasheet HTML 5Page - Linear Technology LT1371_15 Datasheet HTML 6Page - Linear Technology LT1371_15 Datasheet HTML 7Page - Linear Technology LT1371_15 Datasheet HTML 8Page - Linear Technology LT1371_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1371
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage ....................................................... 30V
Switch Voltage
LT1371 ............................................................... 35V
LT1371HV .......................................................... 42V
S/S, SHDN, SYNC Pin Voltage ................................ 30V
Feedback Pin Voltage (Transient, 10ms) ..............
±10V
Feedback Pin Current ........................................... 10mA
Negative Feedback Pin Voltage
(Transient, 10ms) .............................................
±10V
Operating Ambient Temperature Range ...... 0
°C to 70°C
Operating Junction Temperature Range
Commercial .......................................... 0
°C to 125°C
Industrial ......................................... – 40
°C to 125°C
Short Circuit ......................................... 0
°C to 150°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
ELECTRICAL C
C
HARA TERISTICS
VIN = 5V, VC = 0.6V, VFB = VREF, VSW, S/S, SHDN, SYNC and NFB pins open, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
Reference Voltage
Measured at Feedback Pin
1.230
1.245
1.260
V
VC = 0.8V
q
1.225
1.245
1.265
V
IFB
Feedback Input Current
VFB = VREF
250
550
nA
q
900
nA
Reference Voltage Line Regulation
2.7V
≤ VIN ≤ 25V, VC = 0.8V
q
0.01
0.03
%/V
PACKAGE/ORDER I FOR ATIO
TJMAX = 125°C, θJA = 30°C/W
R PACKAGE
7-LEAD PLASTIC DD
FRONT VIEW
TAB
IS
GND
VIN
S/S
VSW
GND
NFB
FB
VC
7
6
5
4
3
2
1
ORDER PART
NUMBER
WITH PACKAGE SOLDERED TO 0.5 INCH2 COPPER
AREA OVER BACKSIDE GROUND PLANE OR INTERNAL
POWER PLANE.
θJA CAN VARY FROM 20°C/W TO
>40
°C/W DEPENDING ON MOUNTING TECHNIQUE
ORDER PART
NUMBER
T7 PACKAGE
7-LEAD TO-220
VIN
S/S
VSW
GND
NFB
FB
VC
FRONT VIEW
7
6
5
4
3
2
1
TAB
IS
GND
TJMAX = 125°C, θJA = 50°C/W, θJC = 4°C/W
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 50°C/W
θJA WILL VARY FROM APPROXIMATELY 40°C/W WITH
0.75 INCH2 OF 1 OZ COPPER TO 50
°C/W WITH 0.33 INCH2
OF 1 OZ COPPER ON A DOUBLE-SIDED BOARD
1
2
3
4
5
6
7
8
9
10
TOP VIEW
SW PACKAGE
20-LEAD PLASTIC SO WIDE
20
19
18
17
16
15
14
13
12
11
VC
FB
NFB
GND
GND
GND
GND
SHDN
SYNC
VIN
VSW
NC
VSW
GND
GND
GND
GND
NC
NC
GND
LT1371CR
LT1371HVCR
LT1371IR
LT1371HVIR
LT1371CT7
LT1371HVCT7
LT1371IT7
LT1371HVIT7
LT1371CSW
LT1371HVCSW
LT1371ISW
LT1371HVISW
Consult factory for Military grade parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com