Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1371 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1371
Description  500kHz High Efficiency 3A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1371 Datasheet(HTML) 4 Page - Linear Technology

  LT1371 Datasheet HTML 1Page - Linear Technology LT1371 Datasheet HTML 2Page - Linear Technology LT1371 Datasheet HTML 3Page - Linear Technology LT1371 Datasheet HTML 4Page - Linear Technology LT1371 Datasheet HTML 5Page - Linear Technology LT1371 Datasheet HTML 6Page - Linear Technology LT1371 Datasheet HTML 7Page - Linear Technology LT1371 Datasheet HTML 8Page - Linear Technology LT1371 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1371
TYPICAL PERFORMANCE CHARACTERISTICS
Error Amplifier Output Current
vs Feedback Pin Voltage
Shutdown Delay and Threshold
vs Temperature
TEMPERATURE (
°C)
–50
0
2
6
8
10
20
14
0
50
75
LT1371 • G04
4
16
18
12
0
0.2
0.6
0.8
1.0
2.0
1.4
0.4
1.6
1.8
1.2
–25
25
100 125
150
SHUTDOWN THRESHOLD
SHUTDOWN DELAY
S/S or SHDN Pin Input Current
vs Voltage
Error Amplifier Transconductance
vs Temperature
Switching Frequency
vs Feedback Pin Voltage
FEEDBACK PIN VOLTAGE (V)
400
–300
–200
–100
300
100
–0.1
0.1
200
0
–0.3
–0.2
VREF
–55
°C
125
°C
25
°C
LT1371 • G06
Minimum Synchronization
Voltage vs Temperature
TEMPERATURE (
°C)
–50
0
0.5
1.0
1.5
2.0
050
100
150
LT1371 • G05
2.5
3.0
–25
25
75
125
fSYNC = 700kHz
VOLTAGE (V)
–1
1
3
5
7
LT1371 • G07
–1
–3
0
2
4
–2
–4
–5
1
3
5
08
2
4
6
9
VIN = 5V
FEEDBACK PIN VOLTAGE (V)
0
70
90
110
0.8
LT1371 • G08
50
30
60
80
100
40
20
10
0.2
0.4
0.6
0.1
0.9
0.3
0.5
0.7
1.0
TEMPERATURE (
°C)
–50
0
200
600
800
1000
2000
1400
0
50
75
LT1371 • G09
400
1600
1800
1200
–25
25
100 125
150
gm =
∆I (VC)
∆V (FB)
Switch Saturation Voltage
vs Switch Current
TEMPERATURE (
°C)
–50
1.8
2.0
2.2
2.4
2.6
050
100
150
LT1371 • G03
2.8
3.0
–25
25
75
125
Minimum Input Voltage
vs Temperature
DUTY CYCLE (%)
0
2
4
6
1
3
5
20
40
60
80
LT1371 • G02
100
10
0
30
50
70
90
25
°C AND
125
°C
–55
°C
Switch Current Limit
vs Duty Cycle
SWITCH CURRENT (A)
0
0.6
0.8
1.0
3.2
LT1371 • G01
0.4
0.2
0.5
0.7
0.9
0.3
0.1
0
0.8
1.6
2.4
4.0
2.8
0.4
1.2
2.0
3.6
100
°C
150
°C
25
°C
–55
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com