Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1373 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1373
Description  250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1373 Datasheet(HTML) 2 Page - Linear Technology

  LT1373_15 Datasheet HTML 1Page - Linear Technology LT1373_15 Datasheet HTML 2Page - Linear Technology LT1373_15 Datasheet HTML 3Page - Linear Technology LT1373_15 Datasheet HTML 4Page - Linear Technology LT1373_15 Datasheet HTML 5Page - Linear Technology LT1373_15 Datasheet HTML 6Page - Linear Technology LT1373_15 Datasheet HTML 7Page - Linear Technology LT1373_15 Datasheet HTML 8Page - Linear Technology LT1373_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1373
Consult factory for Military grade parts.
(Note 1)
Supply Voltage ....................................................... 30V
Switch Voltage
LT1373 ............................................................... 35V
LT1373HV .......................................................... 42V
S/S Pin Voltage ....................................................... 30V
Feedback Pin Voltage (Transient, 10ms) ..............
±10V
Feedback Pin Current ........................................... 10mA
Negative Feedback Pin Voltage
(Transient, 10ms) .............................................
±10V
Operating Junction Temperature Range
Commercial ........................................ 0
°C to 125°C*
Industrial ......................................... – 40
°C to 125°C
Short Circuit ......................................... 0
°C to 150°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
LT1373CN8
LT1373HVCN8
LT1373CS8
LT1373HVCS8
LT1373IN8
LT1373HVIN8
LT1373IS8
LT1373HVIS8
S8 PART MARKING
ORDER PART
NUMBER
1373H
1373HI
1373
1373I
*Units shipped prior to Date Code 9552 are rated at 100
°C maximum
operating temperature.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
Reference Voltage
Measured at Feedback Pin
1.230
1.245
1.260
V
VC = 0.8V
q
1.225
1.245
1.265
V
IFB
Feedback Input Current
VFB = VREF
50
150
nA
q
275
nA
Reference Voltage Line Regulation
2.7V
≤ VIN ≤ 25V, VC = 0.8V
q
0.01
0.03
%/V
VNFB
Negative Feedback Reference Voltage
Measured at Negative Feedback Pin
– 2.51
– 2.45
– 2.39
V
Feedback Pin Open, VC = 0.8V
q
– 2.55
– 2.45
– 2.35
V
INFB
Negative Feedback Input Current
VNFB = VNFR
q
–12
– 7
– 2
µA
Negative Feedback Reference Voltage
2.7V
≤ VIN ≤ 25V, VC = 0.8V
q
0.01
0.05
%/V
Line Regulation
gm
Error Amplifier Transconductance
∆IC = ±5µA
250
375
500
µmho
q
150
600
µmho
Error Amplifier Source Current
VFB = VREF – 150mV, VC = 1.5V
q
25
50
90
µA
Error Amplifier Sink Current
VFB = VREF + 150mV, VC = 1.5V
q
850
1500
µA
Error Amplifier Clamp Voltage
High Clamp, VFB = 1V
1.70
1.95
2.30
V
Low Clamp, VFB = 1.5V
0.25
0.40
0.52
V
AV
Error Amplifier Voltage Gain
250
V/ V
VC Pin Threshold
Duty Cycle = 0%
0.8
1
1.25
V
f
Switching Frequency
2.7V
≤ VIN ≤ 25V
225
250
275
kHz
0
°C ≤ TJ ≤ 125°C
q
210
250
290
kHz
–40
°C ≤ TJ ≤ 0°C (I Grade)
200
290
kHz
Maximum Switch Duty Cycle
q
85
95
%
Switch Current Limit Blanking Time
340
500
ns
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 5V, VC = 0.6V, VFB = VREF, VSW, S/S and NFB pins open, unless otherwise noted.
1
2
3
4
8
7
6
5
TOP VIEW
VC
FB
NFB
S/S
VSW
GND
GND S
VIN
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 100°C/ W (N8)
TJMAX = 125°C, θJA = 120°C/ W (S8)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com