Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1508 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1508
Description  Power Factor and PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1508 Datasheet(HTML) 2 Page - Linear Technology

  LT1508_15 Datasheet HTML 1Page - Linear Technology LT1508_15 Datasheet HTML 2Page - Linear Technology LT1508_15 Datasheet HTML 3Page - Linear Technology LT1508_15 Datasheet HTML 4Page - Linear Technology LT1508_15 Datasheet HTML 5Page - Linear Technology LT1508_15 Datasheet HTML 6Page - Linear Technology LT1508_15 Datasheet HTML 7Page - Linear Technology LT1508_15 Datasheet HTML 8Page - Linear Technology LT1508_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1508
By using fixed high frequency PWM current averaging
without the need for slope compensation, the LT1508
achieves far lower line current distortion with a smaller
magnetic element than systems that use either peak
current detection, or zero current switching approach, in
both continuous and discontinuous modes of operation.
The LT1508 also provides filtering capability to reject line
DESCRIPTION
switching noise which can cause instability when fed into
the multiplier. Line current dead zone is minimized with
low bias voltage at the current input to the multiplier. The
LT1508 provides many protection features including peak
current limiting and overvoltage protection. Implemented
with a very high speed process, the LT1508 can be
operated at frequencies as high as 300kHz.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ........................................................ 27V
GTDR Current Continuous ...................................... 0.5A
GTDR Output Energy ................................................ 5
µJ
IAC, RSET, PKLIM Input Current .............................. 20mA
VSENSE, OVP Input Voltage .................................... VMAX
ILIM, VC Input Voltage ................................................ 8V
ISENSE, MOUT Input Current ................................... ±5mA
Operating Junction Temperature Range
LT1508C ................................................ 0
°C to 100°C
LT1508I ............................................ – 40
°C to 125°C
Thermal Resistance (Junction-to-Ambient)
N Package ................................................... 100
°C/W
SW Package ................................................ 120
°C/W
PACKAGE/ORDER INFORMATION
Consult factory for Military grade parts.
1
2
3
4
5
6
7
8
9
10
TOP VIEW
SW PACKAGE
20-LEAD PLASTIC SO WIDE
N PACKAGE
20-LEAD PDIP
20
19
18
17
16
15
14
13
12
11
GTDR1
GND2
GND1
CSET
PKLIM
CAOUT
ISENSE
MOUT
IAC
VAOUT
GTDR2
ILIM
VC
VCC
SS1
RSET
VSENSE
SS2
VREF
OVP
TJMAX = 125°C, θJA = 100°C/ W (N)
TJMAX = 125°C, θJA = 120°C/ W (SW)
ORDER PART
NUMBER
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Overall
Supply Current (VCC in Undervoltage Lockout)
VCC = Lockout Voltage – 0.2V
q
0.25
0.45
mA
Supply Current On
11.5V
≤ VCC ≤ VMAX
q
13
19
mA
VCC Turn-On Threshold (Undervoltage Lockout)
q
15.5
16.5
17.5
V
VCC Turn-Off Threshold
q
9.5
10.5
11.5
V
Voltage Amplifier (PFC Section)
Voltage Amp Offset
VAOUT = 3.5V
q
–10
10
mV
Input Bias Current
VSENSE = 0V to 7V
q
– 25
– 250
nA
Voltage Gain
70
100
dB
Voltage Amp Unity-Gain Bandwidth
3
MHz
Voltage Amp Output High (Internally Clamped)
q
11.3
13.3
V
Voltage Amp Output Low
q
1.1
2
V
Voltage Amp Short-Circuit Current
VAOUT = 0V
q
38
17
mA
ELECTRICAL CHARACTERISTICS
Maximum operating voltage (VMAX) = 25V, VCC = 18V, RSET = 15k to GND, CSET = 1nF to GND, IAC = 100µA, ISENSE = 0V, CAOUT = 3.5V,
VAOUT = 5V, OVP = VREF. No load on any outputs unless otherwise noted.
LT1508CN
LT1508CSW
LT1508IN
LT1508ISW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com