Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1634 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1634
Description  Micropower Precision Shunt Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1634 Datasheet(HTML) 2 Page - Linear Technology

  LT1634_15 Datasheet HTML 1Page - Linear Technology LT1634_15 Datasheet HTML 2Page - Linear Technology LT1634_15 Datasheet HTML 3Page - Linear Technology LT1634_15 Datasheet HTML 4Page - Linear Technology LT1634_15 Datasheet HTML 5Page - Linear Technology LT1634_15 Datasheet HTML 6Page - Linear Technology LT1634_15 Datasheet HTML 7Page - Linear Technology LT1634_15 Datasheet HTML 8Page - Linear Technology LT1634_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LT1634
2
1634ff
For more information www.linear.com/LT1634
absoluTe MaxiMuM raTings
Current Operating
1.25V ...............................................................100mA
2.5V ...................................................................50mA
4.096V, 5V .........................................................30mA
Forward Current.....................................................20mA
(Note 1)
1
2
3
4
DNC*
DNC*
DNC*
GND
8
7
6
5
NC***
DNC*
VOUT
TEST**
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 250°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
DNC*
DNC*
DNC*
GND
NC***
DNC*
VOUT
TEST**
TJMAX = 125°C, θJA = 190°C/W
BOTTOM VIEW
TEST** VOUT GND
Z PACKAGE
3-LEAD PLASTIC TO-92
TJMAX = 125°C, θJA = 190°C/W
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1634BCMS8-1.25#PBF
LT1634BCMS8-1.25#TRPBF
LTCV
8-Lead Plastic MSOP
0°C to 70°C
LT1634BCMS8-2.5#PBF
LT1634BCMS8-2.5#TRPBF
LTDF
8-Lead Plastic MSOP
0°C to 70°C
LT1634ACS8-1.25#PBF
LT1634ACS8-1.25#TRPBF
1634A1
8-Lead Plastic SO
0°C to 70°C
LT1634ACS8-2.5#PBF
LT1634ACS8-2.5#TRPBF
1634A2
8-Lead Plastic SO
0°C to 70°C
LT1634ACS8-4.096#PBF
LT1634ACS8-4.096#TRPBF
1634A4
8-Lead Plastic SO
0°C to 70°C
LT1634ACS8-5#PBF
LT1634ACS8-5#TRPBF
1634A5
8-Lead Plastic SO
0°C to 70°C
LT1634AIS8-1.25#PBF
LT1634AIS8-1.25#TRPBF
634AI1
8-Lead Plastic SO
–40°C to 85°C
LT1634AIS8-2.5#PBF
LT1634AIS8-2.5#TRPBF
634AI2
8-Lead Plastic SO
–40°C to 85°C
LT1634AIS8-4.096#PBF
LT1634AIS8-4.096#TRPBF
634AI4
8-Lead Plastic SO
–40°C to 85°C
LT1634AIS8-5#PBF
LT1634AIS8-5#TRPBF
634AI5
8-Lead Plastic SO
–40°C to 85°C
LT1634BCS8-1.25#PBF
LT1634BCS8-1.25#TRPBF
1634B1
8-Lead Plastic SO
0°C to 70°C
LT1634BCS8-2.5#PBF
LT1634BCS8-2.5#TRPBF
1634B2
8-Lead Plastic SO
0°C to 70°C
LT1634BCS8-4.096#PBF
LT1634BCS8-4.096#TRPBF
1634B4
8-Lead Plastic SO
0°C to 70°C
LT1634BCS8-5#PBF
LT1634BCS8-5#TRPBF
1634B5
8-Lead Plastic SO
0°C to 70°C
LT1634BIS8-1.25#PBF
LT1634BIS8-1.25#TRPBF
634BI1
8-Lead Plastic SO
–40°C to 85°C
LT1634BIS8-2.5#PBF
LT1634BIS8-2.5#TRPBF
634BI2
8-Lead Plastic SO
–40°C to 85°C
LT1634BIS8-4.096#PBF
LT1634BIS8-4.096#TRPBF
634BI4
8-Lead Plastic SO
–40°C to 85°C
LT1634BIS8-5#PBF
LT1634BIS8-5#TRPBF
634BI5
8-Lead Plastic SO
–40°C to 85°C
LT1634CCZ-1.25#PBF
LT1634CCZ-1.25#TRPBF
3-Lead Plastic TO-92
0°C to 70°C
LT1634CCZ-2.5#PBF
LT1634CCZ-2.5#TRPBF
3-Lead Plastic TO-92
0°C to 70°C
LT1634CCZ-4.096#PBF
LT1634CCZ-4.096#TRPBF
3-Lead Plastic TO-92
0°C to 70°C
LT1634CCZ-5#PBF
LT1634CCZ-5#TRPBF
3-Lead Plastic TO-92
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature Range
Commercial ............................................. 0°C to 70°C
Industrial .............................................–40°C to 85°C
Storage Temperature Range (Note 1)..... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
pin conFiguraTion
*Connected internally. Do Not Connect external circuitry to these pins.
**The TEST pin can be left unconnected or connected to the GND pin (GND pin on Z package, Pin4 on MS8 and S8 packages)
*** Not connected internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com