Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1716 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1716
Description  SOT-23, 44V, Over-the-Top, Micropower, Precision Rail-to-Rail Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1716 Datasheet(HTML) 2 Page - Linear Technology

  LT1716_15 Datasheet HTML 1Page - Linear Technology LT1716_15 Datasheet HTML 2Page - Linear Technology LT1716_15 Datasheet HTML 3Page - Linear Technology LT1716_15 Datasheet HTML 4Page - Linear Technology LT1716_15 Datasheet HTML 5Page - Linear Technology LT1716_15 Datasheet HTML 6Page - Linear Technology LT1716_15 Datasheet HTML 7Page - Linear Technology LT1716_15 Datasheet HTML 8Page - Linear Technology LT1716_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1716
2
1716fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ to V–).........................................44V
Differential Input Voltage ..........................................44V
Input Voltage.....................................................44V, –5V
Output Short-Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range (Note 3)
LT1716C/LT1716I ................................ –40°C to 85°C
LT1716H............................................ –40°C to 125°C
Specified Temperature Range (Note 4)
LT1716C/LT1716I ................................ –40°C to 85°C
LT1716H............................................ –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1)
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
1
2
3
OUT
V–
+IN
5
4
V+
–IN
+
–
TJMAX = 150°C, θJA = 250°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1716CS5#PBF
LT1716CS5#TRPBF
LTYD
5-Lead Plastic TSOT-23
–40°C to 85°C
LT1716IS5#PBF
LT1716IS5#TRPBF
LTYD
5-Lead Plastic TSOT-23
–40°C to 85°C
LT1716HS5#PBF
LT1716HS5#TRPBF
LTYD
5-Lead Plastic TSOT-23
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range of –40°C ≤ TA ≤ 85°C, otherwise specifications are at TA = 25°C. Single supply operation V+ = 5V, V– = 0V;
VCM = V+/2 unless otherwise noted. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
LTC1716C/LT1716I
UNITS
MIN
TYP
MAX
VOS
Input Offset Voltage
0.5V < VCM < (VCC – 1V)
0°C < TA < 70°C
–40°C < TA < 85°C
l
l
300
1600
2100
2500
μV
μV
μV
Input Offset Voltage Drift (Note 5)
0°C < TA < 70°C
–40°C < TA < 85°C
l
l
2
2
μV/°C
μV/°C
IOS
Input Offset Current
VCM = V+/2
VCM = 0V
VCM = 44V
l
l
l
315
1.3
0.9
nA
μA
μA
IB
Input Bias Current
VCM = V+/2
l
20
35
50
75
nA
nA
V+ = 0V, VCM = 44V
VCM = 0V
VCM = 44V
VCM = –5V
l
l
l
2
3
6
1
13
9
1.4
nA
μA
μA
mA
Input Voltage Range (Note 7)
l
0.5
44
V
CMRR
Common Mode Rejection Ratio
0.5V ≤ VCM < (V+ – 1V)
0.5V ≤ VCM < 44V (Note 6)
l
l
89
81
110
110
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com