Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS5D Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # AVS5D
Description  230V Automatic Voltage Switch with Surge Protection, 190 Joules, Direct Plug-In
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVS5D Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  AVS5D Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVS5D Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVS5D Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
230V Automatic Voltage Switch with Surge
Protection, 190 Joules, Direct Plug-In
MODEL NUMBER: AVS5D
Description
AVS5D Automatic Voltage Switch is a power protection device combining over-voltage, under-voltage, lightning and spike/surge protection for your appliances
and electronics. This device also guards against surges and spikes that may occur when power is restored. The AVS5D easily handles small refrigerators,
small freezers, small air conditioners, TVs and computer equipment, plugged into its single outlet, from fluctuating power. Program buttons let you quickly set
voltage range, on/off delay, overload protection and digital display mode. The easy to read digital LED displays show you voltage, wattage, settings and status
at a glance. The AVS5D features surge protecting components to guard against spikes and surges.
Features
5-amp current rating
BS 1363 UK plug
BS 1363 UK outlet
Program buttons
Voltage LED
Load LED
Digital LED display
7-year limited warranty
Specifications
OUTPUT
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(1) British BS 1363A
USB Charging
No
Highlights
Direct plug-in / 1 outlet
Over and under voltage protection
Surge and spike protection
5-amp current rating
7-year limited warranty
Applications
Ideal for protection of small
refrigerators and freezers, small
air conditioners, televisions and
computer equipment.
Package Includes
AVS5D Automatic Voltage Switch
Owner's Manual
1 / 3


Similar Part No. - AVS5D

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
AVS58-0 PF-AVS58-0 Datasheet
435Kb / 8P
Singleturn absolute encoder
AVS58-H PF-AVS58-H Datasheet
467Kb / 8P
Singleturn absolute encoder
AVS58-K PF-AVS58-K Datasheet
412Kb / 8P
Singleturn absolute encoder
AVS58N-011YYRYGN-0014 PF-AVS58N-011YYRYGN-0014 Datasheet
245Kb / 4P
Singleturn absolute encoder
More results

Similar Description - AVS5D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS604WM ETC2-LS604WM Datasheet
516Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
ISOBLOK2-0 ETC2-ISOBLOK2-0 Datasheet
533Kb / 4P
2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
TRAVELER ETC2-TRAVELER Datasheet
484Kb / 4P
2 AC outlets, direct plug-in surge suppressor with modem/fax surge protection
SK10TG ETC2-SK10TG Datasheet
538Kb / 4P
1 Outlet, Direct Plug-In, 350 Joules, Timer - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
AVS30D TRIPPLITE-AVS30D Datasheet
526Kb / 2P
230V Automatic Voltage Switch with Surge Protection, 380 Joules, Hardwired
TLP82F TRIPPLITE-TLP82F Datasheet
500Kb / 2P
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules
TLP82MASD TRIPPLITE-TLP82MASD Datasheet
506Kb / 3P
Protect It 230V Surge Protector with 8-Schuko Type F Outlets, German Plug, 1140 Joules, Coax/Network Protection
TLP82MASF TRIPPLITE-TLP82MASF Datasheet
505Kb / 3P
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 1140 Joules, Tel/Coax Protection
TLP82NSATD TRIPPLITE-TLP82NSATD Datasheet
501Kb / 3P
Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules, Tel/Coax Protection
TLP82NSATF TRIPPLITE-TLP82NSATF Datasheet
501Kb / 3P
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules, Tel/Coax Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com