Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCTM Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DCTM
Description  Full-Motion Ceiling Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DCTM Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DCTM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DCTM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Full-Motion Ceiling Mount
MODEL NUMBER: DCTM
Description
Tripp Lite’s VESA-compliant DCTM Full Motion Ceiling Mount offers full-motion articulation and can free up
valuable wall and floor space by allowing you to effortlessly reposition your display at any time, even after
installation. Its simple, user-friendly design features convenient one-touch display adjustment with tilt and swivel
capabilities and first most 10 to 37-inch flat panel displays. Its durable, all-metal frame with scratch-resistant, powder-coat finish withstands the stress of
repeated use and blends easily into any décor. It comes with all necessary mounting hardware and supports weights of up to 80 lbs. For peace of mind, the
DCTM comes backed by a 5-year warranty.
Specifications
PHYSICAL
Screen Size (cm)
2.54 - 50.8; 53.34 - 73.66; 76.2 - 99.06
Mounting Location
Ceiling
Unit Dimensions (hwd / in.)
23 x 6.50 x 6.50
Unit Dimensions (hwd / cm)
58.42 x 16.51 x 16.51
Unit Weight (lbs.)
5.52
Unit Weight (kg)
2.50
Material of Construction
Steel
Color
Black
Screen Size Compatibility (in.)
10 - 37
Screen Size Compatibility (cm)
25.4 - 93.98
VESA Pattern (mm)
75x75; 100x100; 100x200; 200x200
Highlights
Offers a simple way to hang a
flat-panel display from a ceiling to
free up wall and floor space
Fits most flat-panel displays from
10" to 37"
Convenient one-touch display
adjustment for easy view
optimization
Wide range of motion with -30
degree tilt and 90 degree swivel
Poles extends 11 to 21 inches
Supports up to 80 lb
5-year warranty
Package Includes
DCTM Full-Motion Ceiling Mount
Mounting Hardware
Owner’s Manual
1 / 2


Similar Part No. - DCTM

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT DELTA-DCT Datasheet
1Mb / 20P
Standard footprint
logo
PANDUIT CORP.
DCT PANDUIT-DCT Datasheet
186Kb / 1P
DCT easily cuts any Panduct® Duct and Cover
DCT PANDUIT-DCT Datasheet
380Kb / 2P
Panduct® Type TNC – Low-Smoke, Halogen-Free, Slotted Wall Wiring Duct
1/2013
logo
Magnelab.
DCT-0010-005 MAGNELAB-DCT-0010-005 Datasheet
144Kb / 1P
Split-Core DC Voltage Output Transducer DCT-0010-XXX, 5 VDC Output
DCT-0010-010 MAGNELAB-DCT-0010-010 Datasheet
144Kb / 1P
Split-Core DC Voltage Output Transducer DCT-0010-XXX, 5 VDC Output
More results

Similar Description - DCTM

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
Ceiling mount
SR700 LUMINIS-SR700 Datasheet
298Kb / 4P
Ceiling mount
W1286 LUMINIS-W1286 Datasheet
148Kb / 3P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
logo
Tripp Lite. All Rights ...
DUNVPJT TRIPPLITE-DUNVPJT Datasheet
510Kb / 2P
Full Motion Universal Ceiling Mount for Projectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com