Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR0310SC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DDR0310SC
Description  Full Motion Universal Tablet and Phone Desk Clamp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DDR0310SC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DDR0310SC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DDR0310SC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Full Motion Universal Tablet and Phone Desk Clamp
MODEL NUMBER: DDR0310SC
Description
Tripp Lite’s sleekly designed, DDR0310SC Full Motion Universal Tablet and Phone Desk Clamp is the perfect
solution to mount smartphone and tablets. The flexible mount clamps on to most surface freeing up valuable
space in your desk, table or any workstation. The easy to adjust bendable tube allows you to re-position your display for increased viewing comfort and
improved ergonomics. Includes 3 separate holders that fit most smartphones and tablets from 3.5" to 10". 360 degree rotation allows portrait and landscape
viewing.
The DDR0310SC comes assembled for easy installation - no tools needed. Supports weights of up to 2.2 lb. and is backed by a 5-year warranty.
Features
Tripp Lite’s sleekly designed, DDR0310SC Full Motion Tablet and Universal Smartphone Desk Clamp is the perfect solution to mount smartphones and
tablets
Includes 3 separate holders that fit most smartphones and tablets from 3.5" to 10"
Easy to adjust bendable tube allows you to re-position your smartphone or tablet to almost any viewing angle
Durable, sturdy clamp attaches to most surfaces freeing up valuable space
Supports weights of up to 2.2 lbs
5-year warranty
Specifications
PHYSICAL
Screen Size (cm)
2.54 - 50.8
Mounting Location
Desktop
Unit Dimensions (hwd / in.)
19.69 x 7.50 x 2.82
Unit Dimensions (hwd / cm)
50.01 x 19.05 x 7.16
Unit Weight (lbs.)
1.6
Highlights
Increases available desk/table
space in office workstation
applications
Included 3 separate holders for
smartphones and tablets from
3.5" to 10"
Convenient one-touch display
adjustment for easy view
optimization and improved
ergonomics
360° rotation capability
Supports up to 2.2 lb
5-year warranty
Package Includes
DDR0310SC Full Motion Tablet
and Universal Phone Desk Clamp
Owner’s Manual
1 / 2


Similar Part No. - DDR0310SC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DDR03 ADAM-TECH-DDR03 Datasheet
122Kb / 1P
DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
More results

Similar Description - DDR0310SC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1327DCS TRIPPLITE-DDR1327DCS Datasheet
509Kb / 2P
Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327NBMSC TRIPPLITE-DDR1327NBMSC Datasheet
515Kb / 2P
Full Motion Dual Desk Clamp for 13 to 27" monitors and laptops up to 15"||" "696120
Full-Motion Desk Mount for 13" to 27" Flat-Screen
DDR1327S TRIPPLITE-DDR1327S Datasheet
497Kb / 2P
Full-Motion Desk Mount for 13" to 27" Flat-Screen Displays
DDR1327SDFC TRIPPLITE-DDR1327SDFC Datasheet
504Kb / 2P
Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327SFC TRIPPLITE-DDR1327SFC Datasheet
496Kb / 2P
Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327SQFC TRIPPLITE-DDR1327SQFC Datasheet
496Kb / 2P
Quad Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DUNVPJT TRIPPLITE-DUNVPJT Datasheet
510Kb / 2P
Full Motion Universal Ceiling Mount for Projectors
DDR0710SC TRIPPLITE-DDR0710SC Datasheet
508Kb / 2P
Full-Motion Universal Tablet Desk Clamp for 7 in. to 10 in. Tablets
DDR0810TRI TRIPPLITE-DDR0810TRI Datasheet
504Kb / 2P
Full-Motion Universal Flexible Tablet Stand
DDR1013SC TRIPPLITE-DDR1013SC Datasheet
473Kb / 2P
Full Motion Universal Tablet Desk Clamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com