Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR1026MQ Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DDR1026MQ
Description  Quad Desk Mount for 10" to 26" Flat-Screen Displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DDR1026MQ Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DDR1026MQ Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DDR1026MQ Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit Weight (kg)
6.35
Color
Black
Screen Size Compatibility (in.)
10 - 26
Screen Size Compatibility (cm)
25.4 - 66.04
VESA Pattern (mm)
75x75; 100x100
Motion
Full
Degrees of Motion
-15/+15 Tilt; 180 swivel; 360 rotate
Maximum Weight Capacity (lbs.)
30
Maximum Weight Capacity (kg)
13.61
FEATURES & SPECIFICATIONS
Tools Necessary
Yes
Cord Management
Yes
WARRANTY
Product Warranty Period (U.S. &
Canada)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com