Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWT1327S Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DWT1327S
Description  Tilt Wall-Mount for 13 to 27 Flat-Screen Displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DWT1327S Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DWT1327S Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DWT1327S Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tilt Wall-Mount for 13" to 27" Flat-Screen Displays
MODEL NUMBER: DWT1327S
Description
Tripp Lite’s VESA-compliant DWT1327S Tilt Flat-Screen Wall Mount’s low-profile design stays hidden behind
your display for a sleek, professional appearance. With tilt adjustment for improved viewing angles in
applications where the audience is located below the display, it packs a lot of functionality into a compact frame.
It can also free up valuable space in your workstation by allowing you to effortlessly reposition your display at
any time, even after installation. Its durable, all-metal construction with scratch-resistant, powder-coat finish
supports weights of up to 88 lbs. and fits most 13- to 27-inch flat-panel displays. It comes preassembled for
quick and easy installation and features horizontal adjustment to compensate for off-center wall studs. For peace of mind, the DWT1327S comes backed by a
5-year warranty and green, RoHS-compliant design.
Specifications
PHYSICAL
Mounting Location
Wall
Unit Weight (lbs.)
1.01
Unit Weight (kg)
.45
Color
Black
Screen Size Compatibility (in.)
13 - 27
Screen Size Compatibility (cm)
33.02 - 68.58
VESA Pattern (mm)
75x75; 100x100
Motion
Tilt
Degrees of Motion
-15/+10 Tilt;
Min/Max Arm Extension (in.)
N/A
Highlights
REPLACES MODEL DWT1323S
Low-profile mounting keeps unit
out of sight for sleek, professional
appearance
Fits most flat-panel displays from
13” to 27”
Tilt adjustment improves viewing
angles in applications where the
audience is below the display
Horizontal adjustment
compensates for off-center wall
studs
Wide range of motion with -15° to
+10° tilt capability
Supports up to 88 lb
5-year warranty
Package Includes
DWT1327S Tilt Flat-Screen Wall
Mount
Mounting Hardware
Owner’s Manual
1 / 2


Similar Part No. - DWT1327S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DWT-A01 OMRON-DWT-A01 Datasheet
3Mb / 24P
General-purpose Peripheral Devices
DWT-A01 OMRON-DWT-A01 Datasheet
3Mb / 24P
General-purpose Peripheral Devices
logo
DOMINANT Semiconductors
DWT-CJS-S1 DOMINANT-DWT-CJS-S1 Datasheet
896Kb / 15P
Power LED
DWT-CJS-S2 DOMINANT-DWT-CJS-S2 Datasheet
896Kb / 15P
Power LED
DWT-CJS-ST2-1 DOMINANT-DWT-CJS-ST2-1 Datasheet
896Kb / 15P
Power LED
More results

Similar Description - DWT1327S

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1327S TRIPPLITE-DDR1327S Datasheet
497Kb / 2P
Full-Motion Desk Mount for 13" to 27" Flat-Screen Displays
DWF1327M TRIPPLITE-DWF1327M Datasheet
518Kb / 2P
Fixed Wall-Mount for 13 to 27 Flat-Screen Displays
DWM1327SE TRIPPLITE-DWM1327SE Datasheet
503Kb / 2P
Full-Motion Wall-Mount for 13 to 27 Flat-Screen Displays
DWM1327SP TRIPPLITE-DWM1327SP Datasheet
509Kb / 2P
Full-Motion Wall-Mount w- Screen Level Adjustment for 13 to 27 Flat-Screen Displays
DWT2655XE TRIPPLITE-DWT2655XE Datasheet
515Kb / 2P
Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
DWT2655XP TRIPPLITE-DWT2655XP Datasheet
519Kb / 2P
Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
DWT3270X TRIPPLITE-DWT3270X Datasheet
499Kb / 2P
Tilt Wall-Mount for 32 to 70 Flat-Screen Displays
DWT3770X TRIPPLITE-DWT3770X Datasheet
498Kb / 2P
Tilt Wall-Mount for 37 to 70 Flat-Screen Displays
DWT4585X TRIPPLITE-DWT4585X Datasheet
503Kb / 2P
Tilt Wall-Mount for 45 to 85 Flat-Screen Displays
DWT60100XX TRIPPLITE-DWT60100XX Datasheet
506Kb / 2P
Tilt Wall Mount for 60 to 100 Flat-Screen Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com